Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 41 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 41 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 37Page - Intel Corporation D201GLY Datasheet HTML 38Page - Intel Corporation D201GLY Datasheet HTML 39Page - Intel Corporation D201GLY Datasheet HTML 40Page - Intel Corporation D201GLY Datasheet HTML 41Page - Intel Corporation D201GLY Datasheet HTML 42Page - Intel Corporation D201GLY Datasheet HTML 43Page - Intel Corporation D201GLY Datasheet HTML 44Page - Intel Corporation D201GLY Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
Technical Reference
41
2.2.2.3
Front Panel Header
This section describes the functions of the front panel header. Table 16 lists the signal
names of the front panel header. Figure 8 is a connection diagram for the front panel
header.
Table 16. Front Panel Header
Pin
Signal
In/Out Description
Pin
Signal
In/Out
Description
Hard Drive Activity LED
[Orange]
Power LED
[Green]
1
HD_PWR
Out
Hard disk LED
pull-up to +5 V
2
HDR_BLNK_
GRN
Out
Front panel green
LED
3
HAD#
Out
Hard disk active
LED
4
HDR_BLNK_
YEL
Out
Front panel yellow
LED
Reset Switch
[Blue]
On/Off Switch
[Red]
5
Ground
Ground
6
FPBUT_IN
In
Power switch
7
FP_RESET#
In
Reset switch
8
Ground
Ground
Power
Not Connected
9
+5 V
Power
10
N/C
Not connected
Figure 8. Connection Diagram for Front Panel Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com