Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 64 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 64 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 60Page - Intel Corporation D201GLY Datasheet HTML 61Page - Intel Corporation D201GLY Datasheet HTML 62Page - Intel Corporation D201GLY Datasheet HTML 63Page - Intel Corporation D201GLY Datasheet HTML 64Page - Intel Corporation D201GLY Datasheet HTML 65Page - Intel Corporation D201GLY Datasheet HTML 66Page - Intel Corporation D201GLY Datasheet HTML 67Page - Intel Corporation D201GLY Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
64
Table 29 lists the BIOS Setup program menu features.
Table 29. BIOS Setup Program Menu Bar
Maintenance
Main
Advanced
Security
Power
Boot
Exit
Clears
passwords and
displays
processor
information
Displays
processor
and memory
configuration
Configures
advanced
features
available
through the
chipset
Sets
passwords
and security
features
Configures
power
management
features and
power supply
controls
Selects boot
options
Saves or
discards
changes to
Setup
program
options
Table 30 lists the function keys available for menu screens.
Table 30. BIOS Setup Program Function Keys
BIOS Setup Program Function
Key
Description
<←> or <→>
Selects a different menu screen (Moves the cursor left or right)
<↑> or <↓>
Selects an item (Moves the cursor up or down)
<Tab>
Selects a field (Not implemented)
<Enter>
Executes command or selects the submenu
<F9>
Load the default configuration values for the current menu
<F10>
Save the current values and exits the BIOS Setup program
<Esc>
Exits the menu
3.2
BIOS Flash Memory Organization
The SPI Flash device includes a 4-Mbit (512 KB) flash memory device.
3.3
Resource Configuration
3.3.1
PCI Autoconfiguration
The BIOS can automatically configure PCI devices. PCI devices may be onboard or
add-in cards. Autoconfiguration lets a user insert or remove PCI cards without having
to configure the system. When a user turns on the system after adding a PCI card,
the BIOS automatically configures interrupts, the I/O space, and other system
resources. Any interrupts set to Available in Setup are considered to be available for
use by the add-in card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com