Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 16 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 16 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 12Page - Intel Corporation D201GLY Datasheet HTML 13Page - Intel Corporation D201GLY Datasheet HTML 14Page - Intel Corporation D201GLY Datasheet HTML 15Page - Intel Corporation D201GLY Datasheet HTML 16Page - Intel Corporation D201GLY Datasheet HTML 17Page - Intel Corporation D201GLY Datasheet HTML 18Page - Intel Corporation D201GLY Datasheet HTML 19Page - Intel Corporation D201GLY Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
16
1.4
System Memory
The board has one 240-pin DIMM socket and supports the following memory features:
•
1.8 V (only) DDR2 SDRAM DIMMs with gold-plated contacts
•
Unbuffered, single-sided or double-sided DIMMs with the following restriction:
Double-sided DIMMs with x16 organization are not supported.
•
1 GB maximum total system memory
•
Minimum total system memory: 128 MB
•
Non-ECC DIMMs
•
Serial Presence Detect
•
DDR2 533 or DDR2 400 MHz SDRAM DIMMs
NOTE
To be fully compliant with all applicable DDR SDRAM memory specifications, the board
should be populated with DIMMs that support the Serial Presence Detect (SPD) data
structure. This allows the BIOS to read the SPD data and program the chipset to
accurately configure memory settings for optimum performance. If non-SPD memory
is installed, the BIOS will attempt to correctly configure the memory settings, but
performance and reliability may be impacted or the DIMMs may not function under the
determined frequency.
Table 4 lists the supported DIMM configurations.
Table 4. Supported Memory Configurations
DIMM
Capacity
Configuration
SDRAM
Density
SDRAM Organization
Front-side/Back-side
Number of SDRAM
Devices
128 MB
SS
256 Mbit
16 M x 16/empty
4
256 MB
SS
256 Mbit
32 M x 8/empty
8
256 MB
SS
512 Mbit
32 M x 16/empty
4
512 MB
DS
256 Mbit
32 M x 8/32 M x 8
16
512 MB
SS
512 Mbit
64 M x 8/empty
8
512 MB
SS
1 Gbit
64 M x 16/empty
4
1024 MB
DS
512 Mbit
64 M x 8/64 M x 8
16
1024 MB
SS
1 Gbit
128 M x 8/empty
8
Note: In the second column, “DS” refers to double-sided memory modules (containing two rows of SDRAM)
and “SS” refers to single-sided memory modules (containing one row of SDRAM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com