Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 29 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 29 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 25Page - Intel Corporation D201GLY Datasheet HTML 26Page - Intel Corporation D201GLY Datasheet HTML 27Page - Intel Corporation D201GLY Datasheet HTML 28Page - Intel Corporation D201GLY Datasheet HTML 29Page - Intel Corporation D201GLY Datasheet HTML 30Page - Intel Corporation D201GLY Datasheet HTML 31Page - Intel Corporation D201GLY Datasheet HTML 32Page - Intel Corporation D201GLY Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
Product Description
29
1.11.1.1
System States and Power States
Under ACPI, the operating system directs all system and device power state
transitions. The operating system puts devices in and out of low-power states based
on user preferences and knowledge of how devices are being used by applications.
Devices that are not being used can be turned off. The operating system uses
information from applications and user settings to put the system as a whole into a
low-power state.
Table 7 lists the power states supported by the board along with the associated
system power targets. See the ACPI specification for a complete description of the
various system and power states.
Table 7. Power States and Targeted System Power
Global
States
Sleeping States
Processor
States
Device States
Targeted System
Power (Note 1)
G0 – working
state
S0 – working
C0 – working
D0 – working state.
Full power > 30 W
G1 – sleeping
state
S1 – Processor
stopped
C1 – stop
grant
D1, D2, D3 – device
specification
specific.
5 W < power < 52.5 W
G1 – sleeping
state
S4 – Suspend to
disk. Context
saved to disk.
No power
D3 – no power
except for wake-up
logic.
Power < 5 W (Note 2)
G2/S5
S5 – Soft off.
Context not saved.
Cold boot is
required.
No power
D3 – no power
except for wake-up
logic.
Power < 5 W (Note 2)
G3 –
mechanical off
AC power is
disconnected
from the
computer.
No power to the
system.
No power
D3 – no power for
wake-up logic,
except when
provided by battery
or external source.
No power to the system.
Service can be
performed safely.
Notes:
1.
Total system power is dependent on the system configuration, including add-in boards and peripherals
powered by the system chassis’ power supply.
2.
Dependent on the standby power consumption of wake-up devices used in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com