Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 26 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 26 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 22Page - Intel Corporation D201GLY Datasheet HTML 23Page - Intel Corporation D201GLY Datasheet HTML 24Page - Intel Corporation D201GLY Datasheet HTML 25Page - Intel Corporation D201GLY Datasheet HTML 26Page - Intel Corporation D201GLY Datasheet HTML 27Page - Intel Corporation D201GLY Datasheet HTML 28Page - Intel Corporation D201GLY Datasheet HTML 29Page - Intel Corporation D201GLY Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
26
1.9
LAN Subsystem
The LAN subsystem consists of the following:
•
Broadcom AC131KLMG LAN adapter device for 10/100 Mbits/sec Ethernet LAN
connectivity
•
RJ-45 LAN connector with integrated status LEDs
•
Programmable transit threshold
•
Configurable EEPROM that contains the MAC address
Two LEDs are built into the RJ-45 LAN connector (shown in Figure 4).
Figure 4. LAN Connector LED Locations
Table 5 describes the LED states when the board is powered up and the
10/100 Mbits/sec LAN subsystem is operating.
Table 5. LAN Connector LED States
LED Color
LED State
Condition
Off
LAN link is not established.
On
LAN link is established.
Green
Blinking
LAN activity is occurring.
Off
10 Mbits/sec data rate is selected.
Yellow
On
100 Mbits/sec data rate is selected.
1.9.1
LAN Subsystem Software
LAN software and drivers are available from Intel’s World Wide Web site.
For information about
Refer to
Obtaining LAN software and drivers
Section 1.1.4, page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com