Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 71 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 71 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 67Page - Intel Corporation D201GLY Datasheet HTML 68Page - Intel Corporation D201GLY Datasheet HTML 69Page - Intel Corporation D201GLY Datasheet HTML 70Page - Intel Corporation D201GLY Datasheet HTML 71Page - Intel Corporation D201GLY Datasheet HTML 72Page - Intel Corporation D201GLY Datasheet HTML 73Page - Intel Corporation D201GLY Datasheet HTML 74Page - Intel Corporation D201GLY Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
71
4
Error Messages
What This Chapter Contains
4.1 BIOS Front-panel Power LED Codes.................................................... 71
4.2 BIOS Error Messages ....................................................................... 71
4.3 Port 80h POST Codes ....................................................................... 72
4.1
BIOS Front-panel Power LED Codes
The front-panel power LED blinks off and on to display messages. For example, the
power LED is on when the system is powered on, and blinks off for 0.5 second when
processor initialization is complete. In addition, whenever a recoverable error occurs
during POST, the BIOS causes the front-panel power LED to blink an error message
describing the problem (see Table 33).
Table 33. Front-panel Power LED Blink Codes
Type
Pattern
Processor initialization complete
On when system powers up, then off for 0.5 second.
POST complete
On when system powers up, then off for 0.5 second.
BIOS update in progress
Off when update begins, then on for 0.5 second, then off for 0.5
second; pattern repeats until BIOS update is complete.
Video error
On-off (0.5 second each) two times, then 3.0 second pause (off)
between on-off blink pattern; repeat entire pattern (two on-off
blinks and pause) until system is powered off.
Memory error
On-off (0.5 second each) three times, then 3.0 second pause (off)
between on-off blink pattern; repeat entire pattern (three on-off
blinks and 3-second pause) until system is powered off.
Thermal warning
On-off (0.5 second each) four times, then 3.0 second pause (off)
between on-off blink pattern; repeat entire pattern (four on-off
blinks and 3-second pause) until 16th on blink, then end.
4.2
BIOS Error Messages
Table 34 lists the error messages and provides a brief description of each.
Table 34. BIOS Error Messages
Error Message
Explanation
CMOS Battery Low
The battery may be losing power. Replace the battery soon.
CMOS Checksum Bad
The CMOS checksum is incorrect. CMOS memory may have been
corrupted. Run Setup to reset values.
Memory Size Decreased
Memory size has decreased since the last boot. If no memory
was removed, then memory may be bad.
No Boot Device Available
System did not find a device to boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com