Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 121 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 117Page - Texas Instruments AM3894 Datasheet HTML 118Page - Texas Instruments AM3894 Datasheet HTML 119Page - Texas Instruments AM3894 Datasheet HTML 120Page - Texas Instruments AM3894 Datasheet HTML 121Page - Texas Instruments AM3894 Datasheet HTML 122Page - Texas Instruments AM3894 Datasheet HTML 123Page - Texas Instruments AM3894 Datasheet HTML 124Page - Texas Instruments AM3894 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Recommended Operating Conditions (continued)
PARAMETER
MIN
NOM
MAX
UNIT
TJ
Operating junction temperature range(1)
0
95
°C
Tc
Operating case temperature range(1)
0
85
°C
FSYSCLK
ARM Operating Frequency (SYSCLK1)
20
1
GHz
(1)
A heat dissipation solution is required for proper device operation. Thermal performance of the overall system must be carefully
considered to ensure conformance with the recommended operating conditions. Heat generated by this device must be removed with
the help of heat sinks, heat spreaders, and/or airflow. SmartReflex can significantly lower the power consumption of this device and its
use is required for proper device operation.
Copyright © 2010–2011, Texas Instruments Incorporated
Device Operating Conditions
121
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com