Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 120Page - Texas Instruments AM3894 Datasheet HTML 121Page - Texas Instruments AM3894 Datasheet HTML 122Page - Texas Instruments AM3894 Datasheet HTML 123Page - Texas Instruments AM3894 Datasheet HTML 124Page - Texas Instruments AM3894 Datasheet HTML 125Page - Texas Instruments AM3894 Datasheet HTML 126Page - Texas Instruments AM3894 Datasheet HTML 127Page - Texas Instruments AM3894 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
7.1.4
SmartReflex™
The device contains SmartReflex modules that are required to minimize power consumption on the
voltage domains using external variable-voltage power supplies. Based on the device process,
temperature, and desired performance, the SmartReflex modules advise the host processor to raise or
lower the supply voltage to each domain for minimal power consumption. The communication link between
the host processor and the external regulators is a system-level decision and can be accomplished using
GPIOs or I2C.
The major technique employed by SmartReflex in the device is adaptive voltage scaling (AVS). Based on
the silicon process and temperature, the SmartReflex modules guide software in adjusting the core 1-V
supply voltage within the desired range. This technique is called adaptive voltage scaling (AVS). AVS
occurs continuously and in real time, helping to minimize power consumption in response to changing
operating conditions.
NOTE
Implementation of SmartReflex AVS is required for proper device operation.
7.1.5
Memory Power Management
The device memories offer three different modes to save power when memories are not being used;
Table 7-1 provides the details.
Table 7-1. Memory Power Management Modes
MODE
POWER SAVING
WAKE-UP LATENCY
MEMORY CONTENTS
Light Sleep (LS)
~60%
Low
Preserved
Deep Sleep (DS)
~75%
Medium
Preserved
Shut Down (SD)
~95%
High
Lost
The device provides a feature that allows the software to put the chip-level memories (OCMC RAMs) in
any of the three (LS, DS, and SD) modes. There are control registers in the control module to control the
power-down state of OCMC RAM0 and OCMC RAM1. There are also status registers that can be used
during power-up to check if memories are powered-up. For detailed instructions on entering and exiting
from light sleep and deep sleep modes, see the AM38x Sitara ARM Microprocessors (MPUs) Technical
Reference Manual (literature number SPRUGX7).
Memories inside switchable domains go to the shut down (SD) state whenever the power domain goes to
the OFF state. Memories come back to functional state along with the domain power-up.
In order to reduce SRAM leakage, many SRAM blocks can be switched from active mode to shut-down
mode. When SRAM is put in shut-down mode, the voltage supplied to it is automatically removed and all
data in that SRAM is lost.
All SRAM located in a switchable power domain (all domains except always-on) automatically enters
shut-down mode whenever its assigned associated power domain goes to the OFF state. The SRAM
returns to the active state when the corresponding power domain returns to the ON state.
For detailed instructions on powering up/down the various device SRAM, see the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
7.1.6
I/O Power-Down Modes
The DDR3 I/Os are put into power-down mode automatically when the default power domain is turned
OFF.
The HDMI PHY controller is in the always-on power domain, so software must configure the PHY into
power-down mode.
124
Power, Reset, Clocking, and Interrupts
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com