Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 17Page - Texas Instruments ADS4225 Datasheet HTML 18Page - Texas Instruments ADS4225 Datasheet HTML 19Page - Texas Instruments ADS4225 Datasheet HTML 20Page - Texas Instruments ADS4225 Datasheet HTML 21Page - Texas Instruments ADS4225 Datasheet HTML 22Page - Texas Instruments ADS4225 Datasheet HTML 23Page - Texas Instruments ADS4225 Datasheet HTML 24Page - Texas Instruments ADS4225 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
CLKOUT
Output
Data
Dn
(1)
DAn,
DBn
CL M
K
CL P
K
Output
Clock
Input
Clock
t
SU
t
H
t
PDI
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
Table 2. LVDS Timings at Lower Sampling Frequencies
tPDI, CLOCK PROPAGATION
SAMPLING
SETUP TIME (ns)
HOLD TIME (ns)
DELAY (ns)
FREQUENCY
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
5.9
6.6
0.35
0.6
5.0
6.1
7.5
80
4.5
5.2
0.35
0.6
5.0
6.1
7.5
105
3.1
3.6
0.35
0.6
5.0
6.1
7.5
125
2.3
2.9
0.35
0.6
5.0
6.1
7.5
150
1.7
2.2
0.35
0.6
5.0
6.1
7.5
Table 3. CMOS Timings at Lower Sampling Frequencies
TIMINGS SPECIFIED WITH RESPECT TO CLKOUT
SAMPLING
tPDI, CLOCK PROPAGATION
FREQUENCY
SETUP TIME (ns)
HOLD TIME (ns)
DELAY (ns)
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
6.1
7.2
6.7
7.1
4.5
6.4
8.5
80
4.7
5.8
5.3
5.8
4.5
6.4
8.5
105
3.4
4.3
3.8
4.3
4.5
6.4
8.5
125
2.7
3.6
3.1
3.6
4.5
6.4
8.5
150
1.9
2.8
2.5
2.9
4.5
6.4
8.5
(1) Dn = bits D0, D1, D2, etc. of channels A and B.
Figure 8. CMOS Interface Timing Diagram
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com