Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 51Page - Texas Instruments ADS4225 Datasheet HTML 52Page - Texas Instruments ADS4225 Datasheet HTML 53Page - Texas Instruments ADS4225 Datasheet HTML 54Page - Texas Instruments ADS4225 Datasheet HTML 55Page - Texas Instruments ADS4225 Datasheet HTML 56Page - Texas Instruments ADS4225 Datasheet HTML 57Page - Texas Instruments ADS4225 Datasheet HTML 58Page - Texas Instruments ADS4225 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
0.8
0.85
0.9
0.95
1
1.05
1.1
86
86.5
87
87.5
88
88.5
89
89.5
90
90.5
91
73.2
73.3
73.4
73.5
73.6
73.7
73.8
73.9
74
74.1
74.2
Input CommonMode Voltage (V)
SFDR
SNR
Input Frequency = 40MHz
0.8
0.85
0.9
0.95
1
1.05
1.1
75
76
77
78
79
80
81
82
83
84
85
71
71.1
71.2
71.3
71.4
71.5
71.6
71.7
71.8
71.9
72
Input CommonMode Voltage (V)
SFDR
SNR
Input Frequency = 150MHz
76
78
80
82
84
86
88
−40
−15
10
35
60
85
Temperature (°C)
AVDD = 1.7
AVDD = 1.75
AVDD = 1.80
AVDD = 1.85
AVDD = 1.90
AVDD = 1.95
Input Frequency = 150MHz
69.5
70
70.5
71
71.5
72
−40
−15
10
35
60
85
Temperature (°C)
AVDD = 1.7
AVDD = 1.75
AVDD = 1.80
AVDD = 1.85
AVDD = 1.90
AVDD = 1.95
Input Frequency = 150MHz
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: ADS4242 (continued)
At TA = +25°C, AVDD = 1.8V, DRVDD = 1.8V, maximum rated sampling frequency, sine wave input clock, 1.5VPP differential
clock amplitude, 50% clock duty cycle,
–1dBFS differential analog input, High-Performance Mode disabled, 0dB gain, DDR
LVDS output interface, and 32k point FFT, unless otherwise noted.
PERFORMANCE vs INPUT COMMON-MODE VOLTAGE
PERFORMANCE vs INPUT COMMON-MODE VOLTAGE
Figure 72.
Figure 73.
SFDR vs TEMPERATURE AND AVDD SUPPLY
SNR vs TEMPERATURE AND AVDD SUPPLY
Figure 74.
Figure 75.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com