Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 34Page - Texas Instruments ADS4225 Datasheet HTML 35Page - Texas Instruments ADS4225 Datasheet HTML 36Page - Texas Instruments ADS4225 Datasheet HTML 37Page - Texas Instruments ADS4225 Datasheet HTML 38Page - Texas Instruments ADS4225 Datasheet HTML 39Page - Texas Instruments ADS4225 Datasheet HTML 40Page - Texas Instruments ADS4225 Datasheet HTML 41Page - Texas Instruments ADS4225 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Register Address CFh (Default = 00h)
7
6
5
4
3
2
1
0
FREEZE OFFSET CORR
0
OFFSET CORR TIME CONSTANT
0
0
Bit 7
FREEZE OFFSET CORR: Freeze offset correction setting
This bit sets the freeze offset correction estimation.
0 = Estimation of offset correction is not frozen (the EN OFFSET CORR bit must be set)
1 = Estimation of offset correction is frozen (the EN OFFSET CORR bit must be set); when frozen,
the last estimated value is used for offset correction of every clock cycle. See the Offset Correction
section.
Bit 6
Always write '0'
Bits[5:2]
OFFSET CORR TIME CONSTANT
The offset correction loop time constant in number of clock cycles. Refer to the Offset Correction
section.
Bits[1:0]
Always write '0'
Register Address DBh (Default = 00h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
LOW SPEED MODE CH B
Bits[7:1]
Always write '0'
Bit 0
LOW SPEED MODE CH B: Channel B low-speed mode enable
This bit enables the low-speed mode for channel B. Set the EN LOW SPEED MODE bit to '1'
before using this bit.
0 = Low-speed mode is disabled for channel B
1 = Low-speed mode is enabled for channel B
Register Address EFh (Default = 00h)
7
6
5
4
3
2
1
0
0
0
0
EN LOW SPEED MODE
0
0
0
0
Bits[7:5]
Always write '0'
Bit 4
EN LOW SPEED MODE: Enable control of low-speed mode through serial register bits
(ADS42x5 and ADS42x6 only)
This bit enables the control of the low-speed mode using the LOW SPEED MODE CH B and LOW
SPEED MODE CH A register bits.
0 = Low-speed mode is disabled
1 = Low-speed mode is controlled by serial register bits
Bits[3:0]
Always write '0'
38
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com