Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 9Page - Texas Instruments ADS4225 Datasheet HTML 10Page - Texas Instruments ADS4225 Datasheet HTML 11Page - Texas Instruments ADS4225 Datasheet HTML 12Page - Texas Instruments ADS4225 Datasheet HTML 13Page - Texas Instruments ADS4225 Datasheet HTML 14Page - Texas Instruments ADS4225 Datasheet HTML 15Page - Texas Instruments ADS4225 Datasheet HTML 16Page - Texas Instruments ADS4225 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
Pin Descriptions: LVDS Mode
PIN NUMBER
PIN NAME
# OF PINS
FUNCTION
DESCRIPTION
1, 48
DRVDD
2
Input
Output buffer supply
Serial interface RESET input.
When using the serial interface mode, the internal registers must be initialized
through a hardware RESET by applying a high pulse on this pin or by using the
12
RESET
1
Input
software reset option; refer to the Serial Interface Configuration section.
In parallel interface mode, the RESET pin must be permanently tied high. SCLK
and SEN are used as parallel control pins in this mode. This pin has an internal
150k
Ω pull-down resistor.
This pin functions as a serial interface clock input when RESET is low. It controls
13
SCLK
1
Input
the low-speed mode selection when RESET is tied high; see Table 5 for detailed
information. This pin has an internal 150k
Ω pull-down resistor.
14
SDATA
1
Input
Serial interface data input; this pin has an internal 150k
Ω pull-down resistor.
This pin functions as a serial interface enable input when RESET is low. It
controls the output interface and data format selection when RESET is tied high;
15
SEN
1
Input
see Table 6 for detailed information. This pin has an internal 150k
Ω pull-up
resistor to AVDD.
16, 22, 33, 34
AVDD
4
Input
Analog power supply
17, 18, 21, 24,
AGND
8
Input
Analog ground
27, 28, 31, 32
19
INP_B
1
Input
Differential analog positive input, channel B
20
INM_B
1
Input
Differential analog negative input, channel B
This pin outputs the common-mode voltage (0.95V) that can be used externally to
23
VCM
1
Output
bias the analog input pins
25
CLKP
1
Input
Differential clock positive input
26
CLKM
1
Input
Differential clock negative input
29
INP_A
1
Input
Differential analog positive input, channel A
30
INM_A
1
Input
Differential analog negative input, channel A
35
CTRL1
1
Input
Digital control input pins. Together, they control the various power-down modes.
36
CTRL2
1
Input
Digital control input pins. Together, they control the various power-down modes.
37
CTRL3
1
Input
Digital control input pins. Together, they control the various power-down modes.
49, PAD
DRGND
2
Input
Output buffer ground
56
CLKOUTM
1
Output
Differential output clock, complement
57
CLKOUTP
1
Output
Differential output clock, true
This pin functions as a serial interface register readout when the READOUT bit is
64
SDOUT
1
Output
enabled. When READOUT = 0, this pin is in high-impedance state.
Refer to
Figure 2 and
DA0P, DA0M
2
Output
Channel A differential output data pair, D0 and D1 multiplexed
Figure 3
Refer to
Figure 2 and
DA2P, DA2M
2
Output
Channel A differential output data D2 and D3 multiplexed
Figure 3
Refer to
Figure 2 and
DA4P, DA4M
2
Output
Channel A differential output data D4 and D5 multiplexed
Figure 3
Refer to
Figure 2 and
DA6P, DA6M
2
Output
Channel A differential output data D6 and D7 multiplexed
Figure 3
Refer to
Figure 2 and
DA8P, DA8M
2
Output
Channel A differential output data D8 and D9 multiplexed
Figure 3
Refer to
Figure 2 and
DA10P, DA10M
2
Output
Channel A differential output data D10 and D11 multiplexed
Figure 3
Refer to
Figure 2 and
DA12P, DA12M
2
Output
Channel A differential output data D12 and D13 multiplexed (ADS424x only)
Figure 3
Refer to
Figure 2 and
DB0P, DB0M
2
Output
Channel B differential output data pair, D0 and D1 multiplexed
Figure 3
Refer to
Figure 2 and
DB2P, DB2M
2
Output
Channel B differential output data D2 and D3 multiplexed
Figure 3
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com