Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 67 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 63Page - Texas Instruments ADS4225 Datasheet HTML 64Page - Texas Instruments ADS4225 Datasheet HTML 65Page - Texas Instruments ADS4225 Datasheet HTML 66Page - Texas Instruments ADS4225 Datasheet HTML 67Page - Texas Instruments ADS4225 Datasheet HTML 68Page - Texas Instruments ADS4225 Datasheet HTML 69Page - Texas Instruments ADS4225 Datasheet HTML 70Page - Texas Instruments ADS4225 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
1.65
1.7
1.75
1.8
1.85
1.9
1.95
82
83
84
85
86
87
88
69
69.5
70
70.5
71
71.5
72
DRVDD Supply (V)
SFDR
SNR
Input Frequency = 150MHz
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
84
85
86
87
88
89
90
69
69.5
70
70.5
71
71.5
72
Differential Clock Amplitude
(V
PP
)
SFDR
SNR
Input Frequency = 40MHz
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
64
64.5
65
65.5
66
66.5
67
67.5
68
68.5
69
69.5
70
70.5
71
71.5
72
Differential Clock Amplitude
(V
PP
)
SFDR
SNR
Input Frequency = 40MHz
30
35
40
45
50
55
60
65
70
82
83
84
85
86
87
88
89
90
69
69.5
70
70.5
71
71.5
72
72.5
73
Input Clock Duty Cycle (%)
THD
SNR
Input Frequency = 10MHz
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: ADS4225 (continued)
At TA = +25°C, AVDD = 1.8V, DRVDD = 1.8V, maximum rated sampling frequency, sine wave input clock, 1.5VPP differential
clock amplitude, 50% clock duty cycle,
–1dBFS differential analog input, High-Performance Mode disabled, 0dB gain, DDR
LVDS output interface, and 32k point FFT, unless otherwise noted.
PERFORMANCE vs DRVDD SUPPLY VOLTAGE
PERFORMANCE vs INPUT CLOCK AMPLITUDE
Figure 118.
Figure 119.
PERFORMANCE vs INPUT CLOCK AMPLITUDE
PERFORMANCE vs INPUT CLOCK DUTY CYCLE
Figure 120.
Figure 121.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com