Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 63 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 59Page - Texas Instruments ADS4225 Datasheet HTML 60Page - Texas Instruments ADS4225 Datasheet HTML 61Page - Texas Instruments ADS4225 Datasheet HTML 62Page - Texas Instruments ADS4225 Datasheet HTML 63Page - Texas Instruments ADS4225 Datasheet HTML 64Page - Texas Instruments ADS4225 Datasheet HTML 65Page - Texas Instruments ADS4225 Datasheet HTML 66Page - Texas Instruments ADS4225 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
Frequency (MHz)
SFDR = 89.7dBc
SINAD = 70.6dBFS
SNR = 72.6dBFS
THD = 89.2dBc
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
Frequency (MHz)
SFDR = 86.8dBc
SINAD = 69.5dBFS
SNR = 69.6dBFS
THD = 83.7dBc
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
Frequency (MHz)
SFDR = 73.5dBc
SINAD = 66.9dBFS
SNR = 67.9dBFS
THD = 72.7dBc
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
Frequency (MHz)
Each Tone at
−7dBFS Amplitude
fIN1 = 185.1MHz
fIN2 = 190.1MHz
Two−Tone IMD = 93.4dBFS
SFDR = 91.1dBFS
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: ADS4225
At TA = +25°C, AVDD = 1.8V, DRVDD = 1.8V, maximum rated sampling frequency, sine wave input clock, 1.5VPP differential
clock amplitude, 50% clock duty cycle,
–1dBFS differential analog input, High-Performance Mode disabled, 0dB gain, DDR
LVDS output interface, and 32k point FFT, unless otherwise noted.
FFT FOR 20MHz INPUT SIGNAL
FFT FOR 170MHz INPUT SIGNAL
Figure 102.
Figure 103.
FFT FOR 300MHz INPUT SIGNAL
FFT FOR TWO-TONE INPUT SIGNAL
Figure 104.
Figure 105.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com