Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 73 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 69Page - Texas Instruments ADS4225 Datasheet HTML 70Page - Texas Instruments ADS4225 Datasheet HTML 71Page - Texas Instruments ADS4225 Datasheet HTML 72Page - Texas Instruments ADS4225 Datasheet HTML 73Page - Texas Instruments ADS4225 Datasheet HTML 74Page - Texas Instruments ADS4225 Datasheet HTML 75Page - Texas Instruments ADS4225 Datasheet HTML 76Page - Texas Instruments ADS4225 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
−60
−55
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
0
50
100
150
200
250
300
Frequency of Input Common−Mode Signal (MHz)
Input Frequency = 40MHz
50mVPP Signal Superimposed
on Input Common−Mode Voltage 0.95V
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
0
50
100
150
200
250
300
Frequency of Signal on Supply (MHz)
Input Frequency = 10MHz
50mVPP Signal Superimposed on AVDD Supply
60
80
100
120
140
160
180
200
220
240
0
20
40
60
80
100
120
140
160
Sampling Speed (MSPS)
AVDD = 1.8V
Input Frequency = 2.5MHz
0
20
40
60
80
100
120
140
160
180
200
220
240
0
20
40
60
80
100
120
140
160
Sampling Speed (MSPS)
LVDS, 350mV Swing
CMOS
fIN = 2.5 MHz
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: General
At TA = +25°C, AVDD = 1.8V, DRVDD = 1.8V, maximum rated sampling frequency, sine wave input clock, 1.5VPP differential
clock amplitude, 50% clock duty cycle,
–1dBFS differential analog input, High-Performance Mode disabled, 0dB gain, DDR
LVDS output interface, and 32k point FFT, unless otherwise noted.
CMRR vs TEST SIGNAL FREQUENCY
PSRR vs TEST SIGNAL FREQUENCY
Figure 142.
Figure 143.
ANALOG POWER vs SAMPLING FREQUENCY
DIGITAL POWER LVDS CMOS
Figure 144.
Figure 145.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com