Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 5 Page - Texas Instruments

  ADS4225 Datasheet HTML 1Page - Texas Instruments ADS4225 Datasheet HTML 2Page - Texas Instruments ADS4225 Datasheet HTML 3Page - Texas Instruments ADS4225 Datasheet HTML 4Page - Texas Instruments ADS4225 Datasheet HTML 5Page - Texas Instruments ADS4225 Datasheet HTML 6Page - Texas Instruments ADS4225 Datasheet HTML 7Page - Texas Instruments ADS4225 Datasheet HTML 8Page - Texas Instruments ADS4225 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS: ADS4246/ADS4245/ADS4242
Typical values are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, LVDS
interface, and 0dB gain, unless otherwise noted. Minimum and maximum values are across the full temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V.
ADS4246 (160MSPS)
ADS4245 (125MSPS)
ADS4242 (65MSPS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
14
14
14
Bits
fIN = 20MHz
72.8
73.4
73.6
dBFS
fIN = 70MHz
72.5
70
72.9
69.5
72.5
dBFS
Signal-to-noise ratio
SNR
fIN = 100MHz
72.2
72.6
72.3
dBFS
fIN = 170MHz
69
71.2
71.4
70.4
dBFS
fIN = 300MHz
69.4
69.3
69.4
dBFS
fIN = 20MHz
72.6
73.2
73.5
dBFS
fIN = 70MHz
72.1
69
72.6
68.5
72.3
dBFS
Signal-to-noise and
SINAD
fIN = 100MHz
71.7
72.3
72.1
dBFS
distortion ratio
fIN = 170MHz
67.5
70.8
71.2
70.2
dBFS
fIN = 300MHz
68
68.5
68.2
dBFS
fIN = 20MHz
86
88
91
dBc
fIN = 70MHz
84
73.5
86
73.5
88
dBc
Spurious-free dynamic range
SFDR
fIN = 100MHz
82
85
87
dBc
fIN = 170MHz
72
82
88
85
dBc
fIN = 300MHz
78
78
74
dBc
fIN = 20MHz
84
86
88
dBc
fIN = 70MHz
81
72
84
72
85
dBc
Total harmonic distortion
THD
fIN = 100MHz
81
83
85
dBc
fIN = 170MHz
70
80
84
82
dBc
fIN = 300MHz
76
75
73
dBc
fIN = 20MHz
86
88
91
dBc
fIN = 70MHz
84
73.5
86
73.5
88
dBc
Second-harmonic distortion
HD2
fIN = 100MHz
82
85
87
dBc
fIN = 170MHz
72
82
88
85
dBc
fIN = 300MHz
78
78
74
dBc
fIN = 20MHz
92
93
95
dBc
fIN = 70MHz
86
73.5
89
73.5
90
dBc
Third-harmonic distortion
HD3
fIN = 100MHz
93
89
96
dBc
fIN = 170MHz
72
94
90
87
dBc
fIN = 300MHz
80
81
81
dBc
fIN = 20MHz
90
95
98
dBc
fIN = 70MHz
92
78
94
79
97
dBc
Worst spur
fIN = 100MHz
89
93
95
dBc
(other than second and third harmonics)
fIN = 170MHz
77
89
91
93
dBc
fIN = 300MHz
91
89
92
dBc
f1 = 46MHz, f2 = 50MHz,
96
96
98
dBFS
each tone at
–7dBFS
Two-tone intermodulation
IMD
distortion
f1 = 185MHz, f2 = 190MHz,
83
92
92
dBFS
each tone at
–7dBFS
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com