Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 65Page - Texas Instruments ADS4225 Datasheet HTML 66Page - Texas Instruments ADS4225 Datasheet HTML 67Page - Texas Instruments ADS4225 Datasheet HTML 68Page - Texas Instruments ADS4225 Datasheet HTML 69Page - Texas Instruments ADS4225 Datasheet HTML 70Page - Texas Instruments ADS4225 Datasheet HTML 71Page - Texas Instruments ADS4225 Datasheet HTML 72Page - Texas Instruments ADS4225 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
32
Frequency (MHz)
Each Tone at
−7dBFS Amplitude
fIN1 = 46.1MHz
fIN2 = 50.1MHz
Two−Tone IMD =
98.9 dBFS
SFDR = 100.4 dBFS
65
70
75
80
85
90
95
0
50
100
150
200
250
300
350
400
450
500
Input Frequency (MHz)
Gain = 0dB
Gain = 6dB
63
64
65
66
67
68
69
70
71
72
0
50
100
150
200
250
300
350
400
450
500
Input Frequency (MHz)
Gain = 0dB
Gain = 6dB
63
64
65
66
67
68
69
70
71
72
0
50
100
150
200
250
300
350
400
450
500
Input Frequency (MHz)
Gain = 0dB
Gain = 6dB
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: ADS4222 (continued)
At TA = +25°C, AVDD = 1.8V, DRVDD = 1.8V, maximum rated sampling frequency, sine wave input clock, 1.5VPP differential
clock amplitude, 50% clock duty cycle,
–1dBFS differential analog input, High-Performance Mode disabled, 0dB gain, DDR
LVDS output interface, and 32k point FFT, unless otherwise noted.
FFT FOR TWO-TONE INPUT SIGNAL
SFDR vs INPUT FREQUENCY
Figure 126.
Figure 127.
SNR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY (CMOS)
Figure 128.
Figure 129.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com