Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 32Page - Texas Instruments ADS4225 Datasheet HTML 33Page - Texas Instruments ADS4225 Datasheet HTML 34Page - Texas Instruments ADS4225 Datasheet HTML 35Page - Texas Instruments ADS4225 Datasheet HTML 36Page - Texas Instruments ADS4225 Datasheet HTML 37Page - Texas Instruments ADS4225 Datasheet HTML 38Page - Texas Instruments ADS4225 Datasheet HTML 39Page - Texas Instruments ADS4225 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Register Address BFh (Default = 00h)
7
6
5
4
3
2
1
0
CH A OFFSET PEDESTAL
0
0
Bits[7:2]
CH A OFFSET PEDESTAL: Channel A offset pedestal selection
When the offset correction is enabled, the final converged value after the offset is corrected is the
ADC midcode value. A pedestal can be added to the final converged value by programming these
bits. See the Offset Correction section. Channels can be independently programmed for different
offset pedestals by choosing the relevant register address.
For the ADS424x, the pedestal ranges from
–32 to +31, so the output code can vary from
midcode-32 to midcode+32 by adding pedestal D7-D2.
For the ADS422x, the pedestal ranges from
–8 to +7, so the output code can vary from midcode-8
to midcode+7 by adding pedestal D7-D4.
ADS422x (Program Bits D[7:4])
ADS424x (Program Bits D[7:2])
0111 = Midcode+7
011111 = Midcode+31
0110 = Midcode+6
011110 = Midcode+30
0101 = Midcode+5
011101 = Midcode+29
…
…
0000 = Midcode
000000 = Midcode
1111 = Midcode-1
111111 = Midcode-1
1110 = Midcode-2
111110 = Midcode-2
1101 = Midcode-3
111101 = Midcode-3
…
…
1000 = Midcode-8
100000 = Midcode-32
Bits[1:0]
Always write '0'
36
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com