Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 89 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 85Page - Texas Instruments ADS4225 Datasheet HTML 86Page - Texas Instruments ADS4225 Datasheet HTML 87Page - Texas Instruments ADS4225 Datasheet HTML 88Page - Texas Instruments ADS4225 Datasheet HTML 89Page - Texas Instruments ADS4225 Datasheet HTML 90Page - Texas Instruments ADS4225 Datasheet HTML 91Page - Texas Instruments ADS4225 Datasheet HTML 92Page - Texas Instruments ADS4225 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
14-BitADCData,
ChannelB
DB0
DB1
DB2
DB11
DB12
DB13
SDOUT
CLKOUT
14-BitADCData,
ChannelA
DA0
DA1
DA2
DA11
DA12
DA13
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
Parallel CMOS Interface
In the CMOS mode, each data bit is output on separate pins as CMOS voltage level, every clock cycle, as
Figure 170 shows. The rising edge of the output clock CLKOUT can be used to latch data in the receiver. It is
recommended to minimize the load capacitance of the data and clock output pins by using short traces to the
receiver. Furthermore, match the output data and clock traces to minimize the skew between them.
Figure 170. CMOS Outputs
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
89
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com