Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 83 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 79Page - Texas Instruments ADS4225 Datasheet HTML 80Page - Texas Instruments ADS4225 Datasheet HTML 81Page - Texas Instruments ADS4225 Datasheet HTML 82Page - Texas Instruments ADS4225 Datasheet HTML 83Page - Texas Instruments ADS4225 Datasheet HTML 84Page - Texas Instruments ADS4225 Datasheet HTML 85Page - Texas Instruments ADS4225 Datasheet HTML 86Page - Texas Instruments ADS4225 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
DigitalFunctions
(Gain,OffsetCorrection,TestPatterns)
Output
Interface
DDRLVDS
orCMOS
12-Bit(ADS422x)
14-Bit(ADS424x)
ENDIGITALBit
12-/14-Bit
ADC
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
DIGITAL FUNCTIONS
The device has several useful digital functions (such as test patterns, gain, and offset correction). These
functions require extra clock cycles for operation and increase the overall latency and power of the device. These
digital functions are disabled by default after reset and the raw ADC output is routed to the output data pins with
a latency of 16 clock cycles. Figure 165 shows more details of the processing after the ADC. In order to use any
of the digital functions, the EN DIGITAL bit must be set to '1'. After this, the respective register bits must be
programmed as described in the following sections and in the Serial Register Map section.
Figure 165. Digital Processing Block
GAIN FOR SFDR/SNR TRADE-OFF
The ADS424x/422x include gain settings that can be used to get improved SFDR performance (compared to no
gain). The gain is programmable from 0dB to 6dB (in 0.5dB steps). For each gain setting, the analog input
full-scale range scales proportionally, as shown in Table 11.
The SFDR improvement is achieved at the expense of SNR; for each gain setting, the SNR degrades
approximately between 0.5dB and 1dB. The SNR degradation is reduced at high input frequencies. As a result,
the gain is very useful at high input frequencies because the SFDR improvement is significant with marginal
degradation in SNR. Therefore, the gain can be used as a trade-off between SFDR and SNR. Note that the
default gain after reset is 0dB.
Table 11. Full-Scale Range Across Gains
GAIN (dB)
TYPE
FULL-SCALE (VPP)
0
Default after reset
2
1
Fine, programmable
1.78
2
Fine, programmable
1.59
3
Fine, programmable
1.42
4
Fine, programmable
1.26
5
Fine, programmable
1.12
6
Fine, programmable
1
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com