Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 75 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 71Page - Texas Instruments ADS4225 Datasheet HTML 72Page - Texas Instruments ADS4225 Datasheet HTML 73Page - Texas Instruments ADS4225 Datasheet HTML 74Page - Texas Instruments ADS4225 Datasheet HTML 75Page - Texas Instruments ADS4225 Datasheet HTML 76Page - Texas Instruments ADS4225 Datasheet HTML 77Page - Texas Instruments ADS4225 Datasheet HTML 78Page - Texas Instruments ADS4225 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
50
10
100
150
200
In
ue
put F eq
r
ncy (MHz)
SFDR(dBc)
250
300
350
400
100
70
80
90
110
160
85
80
90
70
65
120
130
140
150
75
450
87
87
87
87
87
87
91
83
83
79
79
79
76
76
76
73
73
73
73
83
83
83
50
10
100
150
200
In
ue
put F eq
r
ncy (MHz)
SFDR(dBc)
250
300
350
400
100
70
80
90
110
160
84
82
86
78
65
120
130
140
150
80
450
86
88
90
92
86
86
86
86
89
89
89
92
83
83
83
83
83
83
83
81
81
81
79
79
79
79
79
79
79
77
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: Contour
All graphs are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, maximum rated sampling frequency, sine wave input clock. 1.5VPP
differential clock amplitude, 50% clock duty cycle,
–1dBFS differential analog input, High-Performance Mode disabled, 0dB
gain, DDR LVDS output interface, and 32k point FFT, unless otherwise noted.
SPURIOUS-FREE DYNAMIC RANGE (0dB Gain)
Figure 147.
SPURIOUS-FREE DYNAMIC RANGE (6dB Gain)
Figure 148.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
75
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com