Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 95 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 91Page - Texas Instruments ADS4225 Datasheet HTML 92Page - Texas Instruments ADS4225 Datasheet HTML 93Page - Texas Instruments ADS4225 Datasheet HTML 94Page - Texas Instruments ADS4225 Datasheet HTML 95Page - Texas Instruments ADS4225 Datasheet HTML 96Page - Texas Instruments ADS4225 Datasheet HTML 97Page - Texas Instruments ADS4225 Datasheet HTML 98Page - Texas Instruments ADS4225 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2011) to Revision C
Page
•
Changed device status from Mixed Status to Production Data ............................................................................................ 1
•
Changed 125MSPS sub-bullet of first Features bullet .......................................................................................................... 1
•
Changed sub-bullets of second Features bullet ................................................................................................................... 1
•
Changed status of ADS4222 and ADS4225 from Product Preview to Production Data ...................................................... 2
•
Moved High-Performance Modes into separate table .......................................................................................................... 4
•
Changed ADS4246 fIN = 170MHz Worst spur typical spcification in the ADS4246/ADS4245/ADS4242 Electrical
Characteristics table ............................................................................................................................................................. 5
•
Added ADS4225/ADS4222 fIN = 70MHz SNR, SINAD, SFDR, THD, HD2, HD3, and Worst spur minimum and typical
spcifications in the ADS4226/ADS4225/ADS4222 Electrical Characteristics table .............................................................. 7
•
Added ADS4225/ADS4222 DNL minimum and maximum spcifications in the ADS4226/ADS4225/ADS4222
Electrical Characteristics table .............................................................................................................................................. 8
•
Added ADS4225/ADS4222 INL maximum spcifications in the ADS4226/ADS4225/ADS4222 Electrical
Characteristics table ............................................................................................................................................................. 8
•
Changed ADS4242/ADS4222 Power Supply, Digital power LVDS interface typical specification in Electrical
Characteristics: General table .............................................................................................................................................. 9
•
Changed ADS4245/ADS4225 Power Supply, Digital power CMOS interface typical specification in Electrical
Characteristics: General table .............................................................................................................................................. 9
•
Changed description of pin 64 in Pin Descriptions: LVDS Mode table .............................................................................. 13
•
Changed description of pin 64 in Pin Descriptions: CMOS Mode table ............................................................................. 17
•
Changed description of READOUT disabled in Serial Register Readout section .............................................................. 27
•
Updated Figure 14 .............................................................................................................................................................. 27
•
Changed READOUT desciption in Register Address 00h section ..................................................................................... 29
•
Changed CLKOUT FALL POSN and CLKOUT RISE POSN description in Register Address 42h section ....................... 34
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com