Electronic Components Datasheet Search
  English  ▼

X  

ADS4225 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4225
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 44Page - Texas Instruments ADS4225 Datasheet HTML 45Page - Texas Instruments ADS4225 Datasheet HTML 46Page - Texas Instruments ADS4225 Datasheet HTML 47Page - Texas Instruments ADS4225 Datasheet HTML 48Page - Texas Instruments ADS4225 Datasheet HTML 49Page - Texas Instruments ADS4225 Datasheet HTML 50Page - Texas Instruments ADS4225 Datasheet HTML 51Page - Texas Instruments ADS4225 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Digital Gain (dB)
150MHz
170MHz
220MHz
300MHz
400MHz
470MHz
62
63
64
65
66
67
68
69
70
71
72
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Digital Gain (dB)
150MHz
170MHz
220MHz
300MHz
400MHz
470MHz
−70
−60
−50
−40
−30
−20
−10
0
30
40
50
60
70
80
90
100
110
72.5
73
73.5
74
74.5
75
75.5
76
76.5
Amplitude (dBFS)
SFDR(dBc)
SFDR(dBFS)
SNR
Input Frequency = 40MHz
−70
−60
−50
−40
−30
−20
−10
0
30
40
50
60
70
80
90
100
110
69
70
71
72
73
74
75
76
77
Amplitude (dBFS)
SFDR(dBc)
SFDR(dBFS)
SNR
Input Frequency = 150MHz
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS: ADS4245 (continued)
At TA = +25°C, AVDD = 1.8V, DRVDD = 1.8V, maximum rated sampling frequency, sine wave input clock, 1.5VPP differential
clock amplitude, 50% clock duty cycle,
–1dBFS differential analog input, High-Performance Mode disabled, 0dB gain, DDR
LVDS output interface, and 32k point FFT, unless otherwise noted.
SFDR vs GAIN AND INPUT FREQUENCY
SINAD vs GAIN AND INPUT FREQUENCY
Figure 46.
Figure 47.
PERFORMANCE vs INPUT AMPLITUDE
PERFORMANCE vs INPUT AMPLITUDE
Figure 48.
Figure 49.
48
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com