Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 242 page
background image
Rev. 1.50
46
March 06 , 2012
Rev. 1.50
47
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Look-up Table Registers – TBLP, TBHP, TBLH
These three special function registers are used to control operation of the look-up table which is
stored in the Program Memory. TBLP and TBHP are the table pointer and indicates the location
where the table data is located. Their value must be setup before any table read commands are
executed. Their value can be changed, for example using the “INC” or “DEC” instructions, allowing
for easy table data pointing and reading. TBLH is the location where the high order byte of the table
data is stored after a table read data instruction has been executed. Note that the lower order table
data byte is transferred to a user defined location.
Status Register – STATUS
This 8-bit register contains the zero flag (Z), carry flag (C), auxiliary carry flag (AC), overflow flag
(OV), power down flag (PDF), and watchdog time-out flag (TO). These arithmetic/logical operation
and system management flags are used to record the status and operation of the microcontroller.
With the exception of the TO and PDF flags, bits in the status register can be altered by instructions
like most other registers. Any data written into the status register will not change the TO or PDF
flag. In addition, operations related to the status register may give different results due to the
different instruction operations. The TO flag can be affected only by a system power-up, a WDT
time-out or by executing the “CLR WDT” or “HALT” instruction. The PDF flag is affected only by
executing the ”HALT” or “CLR WDT” instruction or during a system power-up.
The Z, OV, AC and C flags generally reflect the status of the latest operations.
● C is set if an operation results in a carry during an addition operation or if a borrow does not take
place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate through
carry instruction.
● AC is set if an operation results in a carry out of the low nibbles in addition, or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
● Z is set if the result of an arithmetic or logical operation is zero; otherwise Z is cleared.
● OV is set if an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
● PDF is cleared by a system power-up or executing the “CLR WDT” instruction. PDF is set by
executing the “HALT” instruction.
● TO is cleared by a system power-up or executing the “CLR WDT” or “HALT” instruction. TO is
set by a WDT time-out.
In addition, on entering an interrupt sequence or executing a subroutine call, the status register will
not be pushed onto the stack automatically. If the contents of the status registers are important and if
the subroutine can corrupt the status register, precautions must be taken to correctly save it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com