Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 242 page
background image
Rev. 1.50
18
March 06 , 2012
Rev. 1.50
19
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
●
HT67F50
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
—
PB0~PB7
Port B
PBPU
ST
CMOS
—
PC0~PC5
Port C
PCPU
ST
CMOS
—
PD0~PD7
Port D
PDPU
ST
CMOS
—
PE0~PE7
Port E
PEPU
ST
CMOS
—
PF0~PF7
Port F
PFPU
ST
CMOS
—
PG0~PG5
Port G
PGPU
ST
CMOS
—
AN0~AN7
ADC input
ACERL
AN
—
PA0~PA7
VREF
ADC reference input
ADCR1
AN
—
PB5
C0-, C1-
Comparator 0, 1 input
CP0C
CP1C
AN
—
PA3, PC3
C0+, C1+
Comparator 0, 1 input
CP0C
CP1C
AN
—
PA2, PC2
C0X, C1X
Comparator 0, 1 output
CP0C
CP1C
PRM0
—
CMOS
PA0, PA5 or PE2,PE6
or PE3, PE7
TCK0~TCK3
TM0~TM3 input
PRM1
ST
—
PA2, PA4, PC2, PC4 or
PE0, PE1, PE2,
TP0_0, TP0_1
TM0 I/O
TMPC0
PRM2
ST
CMOS
PA0, PC5 or PD0,PD1
TP1A
TM1 I/O
TMPC0
PRM2
ST
CMOS
PA1 or PD2
TP1B_0~TP1B_2 TM1 I/O
TMPC0
PRM2
ST
CMOS PC0, PC1, PC5 or PD3,
PD4, PD5
TP2_0, TP2_1
TM2 I/O
TMPC1
PRM2
ST
CMOS
PC3, PC4 or PD6,PD7
TP3_0, TP3_1
TM3 I/O
TMPC1
PRM2
ST
CMOS
PG0, PG3 or PF0,PF1
INT0, INT1
Ext. Interrupt 0, 1
PRM1
ST
—
PA3, PA4 or PE4,PE5
PINTB
Peripheral Interrupt
PRM0
ST
—
PA4 or PC0 or PG0
PCK
Peripheral Clock output
PRM0
—
CMOS
PA5 or PC1 or PG1
SDI
SPI Data input
PRM0
ST
—
PC0 or PC4 or PG4
SDO
SPI Data output
PRM0
—
CMOS
PC1 or PC5 or PG5
SCS
SPI Slave Select
PRM0
ST
CMOS
PA6 or PC2 or PG2
SCK
SPI Serial Clock
PRM0
ST
CMOS
PA7 or PC3 or PG3
SCL
I2C Clock
PRM0
ST
NMOS
PA7 or PC3 or PG3
SDA
I2C Data
PRM0
ST
NMOS
PC0 or PC4 or PG4
SDIA
SPIA Data input
—
ST
—
PA2
SDOA
SPIA Data output
—
—
CMOS
PA3
SCSA
SPIA Slave Select
—
ST
CMOS
PA0
SCKA
SPIA Serial Clock
—
ST
CMOS
PA1
OSC1
HXT/ERC pin
CO
HXT
—
PB1
OSC2
HXT pin
CO
—
HXT
PB2
XT1
LXT pin
CO
LXT
—
PB3
XT2
LXT pin
CO
—
LXT
PB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com