Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
8
March 06 , 2012
Rev. 1.50
9
March 06 , 2012
Selection Table
Most features are common to all devices, the main feature distinguishing them are Memory capacity,
I/O count, TM features, stack capacity, LCD driver and package types. The following table
summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
Ext.
Interrupt
LCD
HT67F30
2.2V~5.5V
2Kx15
128x8
64x8
32
2
20x4
21x3
21x2
HT67F40
2.2V~5.5V
4Kx15
256x8
128x8
44
2
32x4
33x3
33x2
HT67F50
2.2V~5.5V
8Kx16
384x8
256x8
52
2
40x4
41x3
41x2
HT67F60*
2.2V~5.5V
12Kx16
640x8
256x8
64
4
56x4
57x3
57x2
Part No.
A/D
Timer
Module
Interface
SPI
Stack
Package
HT67F30
12-bitx8
10-bit CTMx1,
10-bit ETMx1
SPI/I2C,
SPI
√
4
48 LQFP
HT67F40
12-bitx8
10-bit CTMx1,
10-bit ETMx1,
16-bit STMx1
SPI/I2C,
SPI
√
8
48/64 LQFP
HT67F50
12-bitx8
10-bit CTMx2,
10-bit ETMx1,
16-bit STMx1
SPI/I2C,
SPI
√
8
48/64/80 LQFP
HT67F60*
12-bitx12
10-bit CTMx2,
10-bit ETMx1,
16-bit STMx1
SPI/I2C,
SPI
√
12
48/64/80 LQFP
100 LQFP
Note: * Under development, available in 2Q, 2011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com