Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 91Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 92Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 93Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 96Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 97Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 98Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
94
March 06 , 2012
Rev. 1.50
95
March 06 , 2012
PRM1 Register
●
HT67F30
Bit
7
6
5
4
3
2
1
0
Name
—
TCK1PS TCK0PS
—
INT1PS
INT0PS TP1B1PS TP1B0PS
R/W
—
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
—
0
0
—
0
0
0
0
Bit 7
Unimplemented, read as “0”
Bit 6
TCK1PS: TCK1 Pin Remapping Control
0: TCK1 on PA4
1: TCK1 on PE1
Bit 5
TCK0PS: TCK0 Pin Remapping Control
0: TCK0 on PA2
1: TCK0 on PE0
Bit 4
Unimplemented, read as “0”
Bit 3
INT1PS: INT1B Pin Remapping Control
0: INT1B on PA4
1: INT1B on PE5
Bit 2
INT0PS: INT0B Pin Remapping Control
0: INT0B on PA3
1: INT0B on PE4
Bit 1
TP1B1PS: TP1B_1 Pin Remapping Control
0: TP1B_1 on PC1
1: TP1B_1 on PD4
Bit 0
TP1B0PS: TP1B_0 Pin Remapping Control
0: TP1B_0 on PC0
1: TP1B_0 on PD3
●
HT67F40/HT67F50
Bit
7
6
5
4
3
2
1
0
Name
TCK2PS TCK1PS TCK0PS
—
INT1PS
INT0PS TP1B1PS TP1B0PS
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
0
0
0
—
0
0
0
0
Bit 7
TCK2PS: TCK2 Pin Remapping Control
0: TCK2 on PC2
1: TCK2 on PE2
Bit 6
TCK1PS: TCK1 Pin Remapping Control
0: TCK1 on PA4
1: TCK1 on PE1
Bit 5
TCK0PS: TCK0 Pin Remapping Control
0: TCK0 on PA2
1: TCK0 on PE0
Bit 4
Unimplemented, read as “0”
Bit 3
INT1PS: INT1B Pin Remapping Control
0: INT1B on PA4
1: INT1B on PE5
Bit 2
INT0PS: INT0B Pin Remapping Control
0: INT0B on PA3
1: INT0B on PE4
Bit 1
TP1B1PS: TP1B_1 Pin Remapping Control
0: TP1B_1 on PC1
1: TP1B_1 on PD4
Bit 0
TP1B0PS: TP1B_0 Pin Remapping Control
0: TP1B_0 on PC0
1: TP1B_0 on PD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com