Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 242 page
background image
Rev. 1.50
48
March 06 , 2012
Rev. 1.50
49
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
EEPROM Data Memory
All devices contain an area of internal EEPROM Data Memory. EEPROM, which stands for
Electrically Erasable Programmable Read Only Memory, is by its nature a non-volatile form of re-
programmable memory, with data retention even when its power supply is removed. By
incorporating this kind of data memory, a whole new host of application possibilities are made
available to the designer. The availability of EEPROM storage allows information such as product
identification numbers, calibration values, specific user data, system setup data or other product
information to be stored directly within the product microcontroller. The process of reading and
writing data to the EEPROM memory has been reduced to a very trivial affair.
EEPROM Data Memory Structure
The EEPROM Data Memory capacity varies from 64x8 to 256x 8 bits, according to the device
selected. Unlike the Program Memory and RAM Data Memory, the EEPROM Data Memory is not
directly mapped into memory space and is therefore not directly addressable in the same way as the
other types of memory. Read and Write operations to the EEPROM are carried out in single byte
operations using an address and data register in Bank 0 and a single control register in Bank 1.
Device
Capacity
Address
HT67F30
64x8
00H ~ 3FH
HT67F40
128x8
00H ~ 7FH
HT67F50/HT67F60
256x8
00H ~ FFH
EEPROM Registers
Three registers control the overall operation of the internal EEPROM Data Memory. These are the
address register, EEA, the data register, EED and a single control register, EEC. As both the EEA and
EED registers are located in Bank 0, they can be directly accessed in the same was as any other Special
Function Register. The EEC register however, being located in Bank1, cannot be directly addressed
directly and can only be read from or written to indirectly using the MP1 Memory Pointer and Indirect
Addressing Register, IAR1. Because the EEC control register is located at address 40H in Bank 1, the
MP1 Memory Pointer must first be set to the value 40H and the Bank Pointer register, BP, set to the
value, 01H, before any operations on the EEC register are executed.
EEPROM Register List
●
HT67F30
Name
Bit
7
6
5
4
3
2
1
0
EEA
—
—
D5
D4
D3
D2
D1
D0
EED
D7
D6
D5
D4
D3
D2
D1
D0
EEC
—
—
—
—
WREN
WR
RDEN
RD
●
HT67F40
Name
Bit
7
6
5
4
3
2
1
0
EEA
—
D6
D5
D4
D3
D2
D1
D0
EED
D7
D6
D5
D4
D3
D2
D1
D0
EEC
—
—
—
—
WREN
WR
RDEN
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com