Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 74Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 75Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 76Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 77Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 78Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 79Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 80Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 81Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 242 page
background image
Rev. 1.50
78
March 06 , 2012
Rev. 1.50
79
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Register
Reset
(Power On)
RES or LVR
Reset
WDT Time-out
(Normal
Operation)
WDT Time-out
(IDLE)
SPIAC1
--00 0000
--00 0000
--00 0000
--uu uuuu
SPIAD
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PBPU
--00 0000
--00 0000
--00 0000
--uu uuuu
PCPU
--00 0000
--00 0000
--00 0000
--uu uuuu
PDPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PEPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PFPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
CP0C
1000 0--1
1000 0--1
1000 0--1
uuuu u--u
CP1C
1000 0--1
1000 0--1
1000 0--1
uuuu u--u
TMPC0
1001 --01
1001 --01
1001 --01
uuuu --uu
TMPC1
- - - - - - 01
- - - - - - 01
- - - - - - 01
- - - - - - uu
PRM0
0000 0000
0000 0000
0000 0000
uuuu uuuu
PRM1
000- 0000
000- 0000
000- 0000
uuu- uuuu
PRM2
--00 0000
--00 0000
--00 0000
--uu uuuu
TM0C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM0AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C2
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1BL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1BH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM2C0
0000 0---
0000 0---
0000 0---
uuuu u---
TM2C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM2DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM2DH
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM2AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM2AH
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM2RP
0000 0000
0000 0000
0000 0000
uuuu uuuu
LCDCTRL
000- 0000
000- 0000
000- 0000
uuu- uuuu
LCDOUT0
1111 1111
1111 1111
1111 1111
uuuu uuuu
LCDOUT1
1111 1111
1111 1111
1111 1111
uuuu uuuu
LCDOUT2
1111 1111
1111 1111
1111 1111
uuuu uuuu
Note: “ * ” stands for “warm reset”,
“ - ” not implement
“ u ” stands for “unchanged”
“ x ” stands for “unknown”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com