Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 89Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 90Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 91Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 92Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 93Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 96Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
92
March 06 , 2012
Rev. 1.50
93
March 06 , 2012
●
HT67F40
Register
Name
Bit
7
6
5
4
3
2
1
0
PRM0
C1XPS1 C1XPS0 C0XPS1 C0XPS0 SIMPS1
SIMPS0 PCKPS1 PCKPS0
PRM1
TCK2PS TCK1PS TCK0PS
—
INT1PS
INT0PS TP1B1PS TP1B0PS
PRM2
—
—
TP21PS TP20PS TP1B2PS TP1APS TP01PS TP00PS
●
HT67F50
Register
Name
Bit
7
6
5
4
3
2
1
0
PRM0
C1XPS1 C1XPS0 C0XPS1 C0XPS0 SIMPS1
SIMPS0 PCKPS1 PCKPS0
PRM1
TCK2PS TCK1PS TCK0PS
—
INT1PS
INT0PS TP1B1PS TP1B0PS
PRM2
TP31PS TP30PS TP21PS TP20PS TP1B2PS TP1APS TP01PS TP00PS
●
HT67F60
Register
Name
Bit
7
6
5
4
3
2
1
0
PRM0
C1XPS1 C1XPS0 C0XPS1 C0XPS0 SIMPS1
SIMPS0 PCKPS1 PCKPS0
PRM1
TCK2PS TCK1PS TCK0PS INT2PS
INT1PS
INT0PS TP1B1PS TP1B0PS
PRM2
TP31PS TP30PS TP21PS TP20PS TP1B2PS TP1APS TP01PS TP00PS
PRM0 Register
●
HT67F30
Bit
7
6
5
4
3
2
1
0
Name
1XPS1 C1XPS0 C0XPS1 C0XPS0
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
 0
 0
 0
 0
—
—
—
—
Bit 7~6
C1XPS1, C1XPS0: C1X Pin Remapping Control
00: C1X on PA5
01: C1X on PE6
10: C1X on PE7
11: Undefined
Bit 5~4
C0XPS1, C0XPS0: C0X Pin Remapping Control
00: C0X on PA0
01: C0X on PE2
10: C0X on PE3
11: Undefined
Bit 3~0
Unimplemented, read as “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com