Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 59Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 60Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 61Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 242 page
background image
Rev. 1.50
62
March 06 , 2012
Rev. 1.50
63
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
This is the high speed system oscillator ready flag which indicates when the high speed
system oscillator is stable. This flag is cleared to "0" by hardware when the device is
powered on and then changes to a high level after the high speed system oscillator is stable.
Therefore this flag will always be read as "1" by the application program after device
power-on. The flag will be low when in the SLEEP or IDLE0 Mode but after a wake-up has
occurred, the flag will change to a high level after 1024 clock cycles if the HXT oscillator is
used and after 15~16 clock cycles if the ERC or HIRC oscillator is used.
Bit 1
IDLEN: IDLE Mode control
0: Disable
1: Enable
This is the IDLE Mode Control bit and determines what happens when the HALT
instruction is executed. If this bit is high, when a HALT instruction is executed the
device will enter the IDLE Mode. In the IDLE1 Mode the CPU will stop running but
the system clock will continue to keep the peripheral functions operational, if
FSYSON bit is high. If FSYSON bit is low, the CPU and the system clock will all stop
in IDLE0 mode. If the bit is low the device will enter the SLEEP Mode when a HALT
instruction is executed.
Bit 0
HLCLK: system clock selection
0: fH/2 ~ fH/64 or fL
1: fH
This bit is used to select if the fH clock or the fH/2 ~ fH/64 or fL clock is used as the
system clock. When the bit is high the fH clock will be selected and if low the fH/2 ~
fH/64 or fL clock will be selected. When system clock switches from the fH clock to the
fL clock and the fH clock will be automatically switched off to conserve power.
Fast Wake-up
To minimise power consumption the device can enter the SLEEP or IDLE0 Mode, where the system
clock source to the device will be stopped. However when the device is woken up again, it can take
a considerable time for the original system oscillator to restart, stabilise and allow normal operation
to resume. To ensure the device is up and running as fast as possible a Fast Wake-up function is
provided, which allows fSUB, namely either the LXT or LIRC oscillator, to act as a temporary clock
to first drive the system until the original system oscillator has stabilised. As the clock source for the
Fast Wake-up function is fSUB, the Fast Wake-up function is only available in the SLEEP1 and
IDLE0 modes. When the device is woken up from the SLEEP0 mode, the Fast Wake-up function
has no effect because the fSUB clock is stopped. The Fast Wake-up enable/disable function is
controlled using the FSTEN bit in the SMOD register.
If the HXT oscillator is selected as the NORMAL Mode system clock, and if the Fast Wake-up
function is enabled, then it will take one to two tSUB clock cycles of the LIRC or LXT oscillator for
the system to wake-up. The system will then initially run under the fSUB clock source until 1024
HXT clock cycles have elapsed, at which point the HTO flag will switch high and the system will
switch over to operating from the HXT oscillator.
If the ERC or EC or HIRC oscillators or LIRC oscillator is used as the system oscillator then it will
take 15~16 clock cycles of the ERC or EC or HIRC or 1~2 cycles of the LIRC to wake up the
system from the SLEEP or IDLE0 Mode. The Fast Wake-up bit, FSTEN will have no effect in these
cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com