Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 70Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
66
March 06 , 2012
Rev. 1.50
67
March 06 , 2012
Entering the IDLE0 Mode
There is only one way for the device to enter the IDLE0 Mode and that is to execute the "HALT"
instruction in the application program with the IDLEN bit in SMOD register equal to "1" and the
FSYSON bit in WDTC register equal to "0". When this instruction is executed under the conditions
described above, the following will occur:
● The system clock will be stopped and the application program will stop at the "HALT" instruction,
but the Time Base clock and fSUB clock will be on.
● The Data Memory contents and registers will maintain their present condition.
● The WDT will be cleared and resume counting if the WDT clock source is selected to come from
the fSUB clock and the WDT is enabled. The WDT will stop if its clock source originates from the
system clock.
● The I/O ports will maintain their present conditions.
● In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
Entering the IDLE1 Mode
There is only one way for the device to enter the IDLE1 Mode and that is to execute the "HALT"
instruction in the application program with the IDLEN bit in SMOD register equal to "1" and the
FSYSON bit in WDTC register equal to "1". When this instruction is executed under the with
conditions described above, the following will occur:
● The system clock and Time Base clock and fSUB clock will be on and the application program will
stop at the "HALT" instruction.
● The Data Memory contents and registers will maintain their present condition.
● The WDT will be cleared and resume counting if the WDT is enabled regardless of the WDT
clock source which originates from the fSUB clock or from the system clock.
● The I/O ports will maintain their present conditions.
● In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
Standby Current Considerations
As the main reason for entering the SLEEP or IDLE Mode is to keep the current consumption of the
device to as low a value as possible, perhaps only in the order of several micro-amps except in the
IDLE1 Mode, there are other considerations which must also be taken into account by the circuit
designer if the power consumption is to be minimised. Special attention must be made to the I/O
pins on the device. All high-impedance input pins must be connected to either a fixed high or low
level as any floating input pins could create internal oscillations and result in increased current
consumption. This also applies to devices which have different package types, as there may be
unbonbed pins. These must either be setup as outputs or if setup as inputs must have pull-high
resistors connected.
Care must also be taken with the loads, which are connected to I/O pins, which are setup as outputs.
These should be placed in a condition in which minimum current is drawn or connected only to
external circuits that do not draw current, such as other CMOS inputs. Also note that additional
standby current will also be required if the configuration options have enabled the LXT or LIRC
oscillator.
In the IDLE1 Mode the system oscillator is on, if the system oscillator is from the high speed system
oscillator, the additional standby current will also be perhaps in the order of several hundred micro-amps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com