Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 78Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 79Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 80Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 81Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 82Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 83Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 84Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 85Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 242 page
background image
Rev. 1.50
82
March 06 , 2012
Rev. 1.50
83
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
●
HT67F60 Register
Register
Reset
(Power On)
RES or LVR
Reset
WDT Time-out
(Normal
Operation)
WDT Time-out
(IDLE)
MP0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP1
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
STATUS
--00 xxxx
--uu uuuu
--1u uuuu
--1 1 uuuu
BP
--0- -000
--0- -000
--0- --000
--u- -uuu
SMOD
0 00 0 0 011
0 00 0 0 011
0 00 0 0 011
uuuu uuuu
INTEG
0000 0000
0000 0000
0000 0000
uuuu uuuu
LVDC
--00 -000
--00 -000
--00 -000
--uu -uuu
INTC0
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC2
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC3
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFI0
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFI1
-000 -000
-000 -000
-000 -000
-uuu -uuu
MFI2
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFI3
-000 -000
-000 -000
-000 -000
-uuu -uuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PD
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PE
1111 1111
1111 1111
1111 1111
uuuu uuuu
PEC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PF
1111 1111
1111 1111
1111 1111
uuuu uuuu
PFC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PG
1111 1111
1111 1111
1111 1111
uuuu uuuu
PGC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PH
1111 1111
1111 1111
1111 1111
uuuu uuuu
PHC
1111 1111
1111 1111
1111 1111
uuuu uuuu
ADRL(ADREF=0)
xxxx ----
xxxx ----
xxxx ----
uuuu ----
ADRL(ADREF=1)
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH(ADREF=0)
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH(ADREF=1)
---- xxxx
---- xxxx
---- xxxx
---- uuuu
ADCR0
0 110 00 0 0
0 110 00 0 0
0 110 00 0 0
uuuu uuuu
ADCR1
00-0 -000
00-0 -000
00-0 -000
uu-u -uuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com