Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 59Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 242 page
background image
Rev. 1.50
56
March 06 , 2012
Rev. 1.50
57
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Internal RC Oscillator – HIRC
The internal RC oscillator is a fully integrated system oscillator requiring no external components.
The internal RC oscillator has three fixed frequencies of either 4MHz, 8MHz or 12MHz. Device
trimming during the manufacturing process and the inclusion of internal frequency compensation
circuits are used to ensure that the influence of the power supply voltage, temperature and process
variations on the oscillation frequency are minimised. As a result, at a power supply of either 3V or
5V and at a temperature of 25°C degrees, the fixed oscillation frequency of 4MHz, 8MHz or 12MHz
will have a tolerance within 2%. Note that if this internal system clock option is selected, as it
requires no external pins for its operation, I/O pins PB1 and PB2 are free for use as normal I/O pins.
External 32.768kHz Crystal Oscillator – LXT
The External 32.768kHz Crystal System Oscillator is one of the low frequency oscillator choices,
which is selected via configuration option. This clock source has a fixed frequency of 32.768kHz
and requires a 32.768kHz crystal to be connected between pins XT1 and XT2. The external resistor
and capacitor components connected to the 32.768kHz crystal are necessary to provide oscillation.
For applications where precise frequencies are essential, these components may be required to
provide frequency compensation due to different crystal manufacturing tolerances. During power-up
there is a time delay associated with the LXT oscillator waiting for it to start-up.
When the microcontroller enters the SLEEP or IDLE Mode, the system clock is switched off to stop
microcontroller activity and to conserve power. However, in many microcontroller applications it
may be necessary to keep the internal timers operational even when the microcontroller is in the
SLEEP or IDLE Mode. To do this, another clock, independent of the system clock, must be
provided.
However, for some crystals, to ensure oscillation and accurate frequency generation, it is necessary
to add two small value external capacitors, C1 and C2. The exact values of C1 and C2 should be
selected in consultation with the crystal or resonator manufacturer┬ specification. The external
parallel feedback resistor, Rp, is required.
Some configuration options determine if the XT1/XT2 pins are used for the LXT oscillator or as I/O
pins.
● If the LXT oscillator is not used for any clock source, the XT1/XT2 pins can be used as
normal I/O pins.
● If the LXT oscillator is used for any clock source, the 32.768kHz crystal should be connected to
the XT1/XT2 pins.
To i nt er nal
ci rc ui ts
In te rn al
O sci ll at or
Ci rc ui t
C1
C2
Rp
No te :1 . Rp , C 1 and C 2 ar e re qui r ed.
2. A lt hough not s how n pi ns h av e a
par as it ic c apac it an ce o f ar ound 7pF .
In te r nal R C
O sc illa to r
32. 76 8
kH z
XT 1
XT 2
External LXT Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com