Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 70Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 71Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 242 page
background image
Rev. 1.50
68
March 06 , 2012
Rev. 1.50
69
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Wake-up
After the system enters the SLEEP or IDLE Mode, it can be woken up from one of various sources
listed as follows:
● An external reset
● An external falling edge on Port A
● A system interrupt
● A WDT overflow
If the system is woken up by an external reset, the device will experience a full system reset,
however, if the device is woken up by a WDT overflow, a Watchdog Timer reset will be initiated.
Although both of these wake-up methods will initiate a reset operation, the actual source of the
wake-up can be determined by examining the TO and PDF flags. The PDF flag is cleared by a
system power-up or executing the clear Watchdog Timer instructions and is set when executing the
"HALT" instruction. The TO flag is set if a WDT time-out occurs, and causes a wake-up that only
resets the Program Counter and Stack Pointer, the other flags remain in their original status.
Each pin on Port A can be setup using the PAWU register to permit a negative transition on the pin
to wake-up the system. When a Port A pin wake-up occurs, the program will resume execution at the
instruction following the "HALT" instruction. If the system is woken up by an interrupt, then two
possible situations may occur. The first is where the related interrupt is disabled or the interrupt is
enabled but the stack is full, in which case the program will resume execution at the instruction
following the "HALT" instruction. In this situation, the interrupt which woke-up the device will not
be immediately serviced, but will rather be serviced later when the related interrupt is finally enabled
or when a stack level becomes free. The other situation is where the related interrupt is enabled and
the stack is not full, in which case the regular interrupt response takes place. If an interrupt request
flag is set high before entering the SLEEP or IDLE Mode, the wake-up function of the related
interrupt will be disabled.
Programming Considerations
The HXT and LXT oscillators both use the same SST counter. For example, if the system is woken
up from the SLEEP0 Mode and both the HXT and LXT oscillators need to start-up from an off state.
The LXT oscillator uses the SST counter after HXT oscillator has finished its SST period.
● If the device is woken up from the SLEEP0 Mode to the NORMAL Mode, the high speed system
oscillator needs an SST period. The device will execute first instruction after HTO is "1". At this
time, the LXT oscillator may not be stability if fSUB is from LXT oscillator. The same situation
occurs in the power-on state. The LXT oscillator is not ready yet when the first instruction is
executed.
● If the device is woken up from the SLEEP1 Mode to NORMAL Mode, and the system clock
source is from HXT oscillator and FSTEN is "1" , the system clock can be switched to the LXT or
LIRC oscillator after wake up.
● There are peripheral functions, such as WDT, TMs and SPIA, LCD driver and SIM, for which the
fSYS is used. If the system clock source is switched from fH to fL, the clock source to the peripheral
functions mentioned above will change accordingly.
● The on/off condition of fSUB and fS depends upon whether the WDT is enabled or disabled as the
WDT clock source is selected from fSUB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com