Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 98 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 96Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 97Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 98Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 99Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 100Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 242 page
background image
Rev. 1.50
98
March 06 , 2012
Rev. 1.50
99
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
I/O Pin Structures
The accompanying diagrams illustrate the internal structures of some generic I/O pin types. As the
exact logical construction of the I/O pin will differ from these drawings, they are supplied as a guide
only to assist with the functional understanding of the I/O pins. The wide range of pin-shared
structures does not permit all types to be shown.
Programming Considerations
Within the user program, one of the first things to consider is port initialisation. After a reset, all of
the I/O data and port control registers will be set high. This means that all I/O pins will default to an
input state, the level of which depends on the other connected circuitry and whether pull-high
selections have been chosen. If the port control registers, PAC~PHC, are then programmed to setup
some pins as outputs, these output pins will have an initial high output value unless the associated
port data registers, PA~PH, are first programmed. Selecting which pins are inputs and which are
outputs can be achieved byte-wide by loading the correct values into the appropriate port control
register or by programming individual bits in the port control register using the “SET [m].i” and
“CLR [m].i” instructions. Note that when using these bit control instructions, a read-modify-write
operation takes place. The microcontroller must first read in the data on the entire port, modify it to
the required new bit values and then rewrite this data back to the output ports.
Port A has the additional capability of providing wake-up functions. When the device is in the
SLEEP or IDLE Mode, various methods are available to wake the device up. One of these is a high
to low transition of any of the Port A pins. Single or multiple pins on Port A can be setup to have this
function.
V DD
M
U
X
Wa ke - up Se le ct
S yst em W ak e- up
Re ad D at a Re gi st er
D
Q
CK
S
D
Q
CK
S
C ont ro l Bi t
Da ta B us
Wr it e C ont ro l R egi st er
Ch ip R es et
Re ad C on tr ol R egi st er
Wr it e Da ta R egi st er
Da ta B it
I/O p in
Q
Q
PA o nl y
We ak
Pu ll- up
Pu ll -H ig h
R egi st er
Se le ct
Generic Input/Output Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com