Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
44
March 06 , 2012
Rev. 1.50
45
March 06 , 2012
●
HT67F50
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
DMBP1
DMBP0
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit 7 ~ 2
Unimplemented, read as "0"
Bit 1 ~ 0
DMBP1, DMBP0: Select Data Memory Banks
00: Bank 0
01: Bank 1
10: Bank 2
11: Bank 3
●
HT67F60
Bit
7
6
5
4
3
2
1
0
Name
—
—
PMBP0
—
—
DMBP2
DMBP1
DMBP0
R/W
—
—
R/W
—
—
R/W
R/W
R/W
POR
—
—
0
—
—
0
0
0
Bit 7 ~ 6
Unimplemented, read as "0"
Bit 5
PMBP0: Select Program Memory Banks
0: Bank 0, Program Memory Address is from 0000H ~ 1FFFH
1: Bank 1, Program Memory Address is from 2000H ~ 2FFFH
Bit 4 ~ 3
Unimplemented, read as "0"
Bit 2 ~ 0
DMBP2 ~ DMBP0: Select Data Memory Banks
000: Bank 0
001: Bank 1
010: Bank 2
011: Bank 3
100: Bank 4
101: Bank 5
110~111: Undefined
Accumulator – ACC
The Accumulator is central to the operation of any microcontroller and is closely related with
operations carried out by the ALU. The Accumulator is the place where all intermediate results from
the ALU are stored. Without the Accumulator it would be necessary to write the result of each
calculation or logical operation such as addition, subtraction, shift, etc., to the Data Memory
resulting in higher programming and timing overheads. Data transfer operations usually involve the
temporary storage function of the Accumulator; for example, when transferring data between one
user defined register and another, it is necessary to do this by passing the data through the
Accumulator as no direct transfer between two registers is permitted.
Program Counter Low Register – PCL
To provide additional program control functions, the low byte of the Program Counter is made
accessible to programmers by locating it within the Special Purpose area of the Data Memory. By
manipulating this register, direct jumps to other program locations are easily implemented. Loading
a value directly into this PCL register will cause a jump to the specified Program Memory location,
however, as the register is only 8-bit wide, only jumps within the current Program Memory page are
permitted. When such operations are used, note that a dummy cycle will be inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com