Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 242 page
background image
Rev. 1.50
34
March 06 , 2012
Rev. 1.50
35
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Flash Program Memory
The Program Memory is the location where the user code or program is stored. For this device series
the Program Memory is Flash type, which means it can be programmed and re-programmed a large
number of times, allowing the user the convenience of code modification on the same device. By
using the appropriate programming tools, these Flash devices offer users the flexibility to
conveniently debug and develop their applications while also offering a means of field programming
and updating.
Structure
The Program Memory has a capacity of 2Kx15 bits to 12Kx16 bits. The Program Memory is
addressed by the Program Counter and also contains data, table information and interrupt entries.
Table data, which can be setup in any location within the Program Memory, is addressed by a
separate table pointer register.
Device
Capacity
Banks
HT67F30
2Kx15
0
HT67F40
4Kx15
0
HT67F50
8Kx16
0
HT67F60
12Kx16
0, 1
The HT67F60 has its Program Memory divided into two Banks, Bank 0 and Bank 1. The required
Bank is selected using Bit 5 of the BP Register.
Special Vectors
Within the Program Memory, certain locations are reserved for the reset and interrupts. The location
000H is reserved for use by the device reset for program initialisation. After a device reset is
initiated, the program will jump to this location and begin execution.
0004 H
002C H
In te rru pt
Ve ct or
15 bi ts
07F FH
In te rru pt
Ve ct or
15 bi ts
In te rru pt
Ve ct or
16 bi ts
In te rru pt
Ve ct or
0000 H
Re se t
06 $% .! 
Re se t
06 $% ." 
Re se t
06 $% .# 
Re se t
06 $% .$ 
003C H
B ank 0
16 bi ts
0F FFH
1F FFH
1F FFH
2000 H
2F FFH
B ank 1
Porgram Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com