Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 60Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 61Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 242 page
background image
Rev. 1.50
64
March 06 , 2012
Rev. 1.50
65
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Operating Mode Switching and Wake-up
The device can switch between operating modes dynamically allowing the user to select the best
performance/power ratio for the present task in hand. In this way microcontroller operations that do
not require high performance can be executed using slower clocks thus requiring less operating
current and prolonging battery life in portable applications.
In simple terms, Mode Switching between the NORMAL Mode and SLOW Mode is executed using
the HLCLK bit and CKS2~CKS0 bits in the SMOD register while Mode Switching from the
NORMAL/SLOW Modes to the SLEEP/IDLE Modes is executed via the HALT instruction. When a
HALT instruction is executed, whether the device enters the IDLE Mode or the SLEEP Mode is
determined by the condition of the IDLEN bit in the SMOD register and FSYSON in the WDTC
register.
When the HLCLK bit switches to a low level, which implies that clock source is switched from the
high speed clock source, fH, to the clock source, fH/2~fH/64 or fL. If the clock is from the fL, the high
speed clock source will stop running to conserve power. When this happens it must be noted that the
fH/16 and fH/64 internal clock sources will also stop running, which may affect the operation of other
internal functions such as the TMs and the SIM. The accompanying flowchart shows what happens
when the device moves between the various operating modes.
NORMAL Mode to SLOW Mode Switching
When running in the NORMAL Mode, which uses the high speed system oscillator, and therefore
consumes more power, the system clock can switch to run in the SLOW Mode by set the HLCLK
bit to "0" and set the CKS2~CKS0 bits to "000" or "001" in the SMOD register. This will then use
the low speed system oscillator which will consume less power. Users may decide to do this for
certain operations which do not require high performance and can subsequently reduce power
consumption.
The SLOW Mode is sourced from the LXT or the LIRC oscillators and therefore requires these
oscillators to be stable before full mode switching occurs. This is monitored using the LTO bit in the
SMOD register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com