Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 59Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 60Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 61Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
58
March 06 , 2012
Rev. 1.50
59
March 06 , 2012
TBCK
Configuration Option
Time Base
WDT
LIRC
LXT
fH
fH/64
fH/32
fH/16
fH/8
fH/4
fH/2
6-stage Prescaler
fL
fSUB
Low Speed Oscillation
Configuration Option
fSYS
HLCLK,
CKS2~CKS0 bits
Fast Wake -up from SLEEP Mode or
IDLE Mode Control (for HXT only)
f
TBC
fSYS/4
fTB
fSYS/4
fSUB
fS
fSUB
4KHz
LCD Driver
fSUB
Clock Source
Selection
SPI/SPIA
fSYS
÷8
High Speed Oscillation
HXT
ERC
HIRC
EC
High Speed Oscillation
Configuration Option
Low Speed Oscillation
System Clock Configurations
Note: When the system clock source fSYS is switched to fL from fH, the high speed oscillation will stop to
conserve the power. Thus there is no fH~fH/64 for peripheral circuit to use.
Together with fSYS/4 it is also used as one of the clock sources for the Watchdog timer. The fTBC clock
is used as a source for the Time Base interrupt functions and for the TMs. The fSUB is used as the
LCD source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com