Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 70Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 71Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 72Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
68
March 06 , 2012
Rev. 1.50
69
March 06 , 2012
Watchdog Timer
The Watchdog Timer is provided to prevent program malfunctions or sequences from jumping to
unknown locations, due to certain uncontrollable external events such as electrical noise.
Watchdog Timer Clock Source
The Watchdog Timer clock source is provided by the internal clock, fS, which is in turn supplied by
one of two sources selected by configuration option: fSUB or fSYS/4. The fSUB clock can be sourced
from either the LXT or LIRC oscillators, again chosen via a configuration option. The Watchdog
Timer source clock is then subdivided by a ratio of 28 to 215 to give longer timeouts, the actual value
being chosen using the WS2~WS0 bits in the WDTC register. The LIRC internal oscillator has an
approximate period of 32kHz at a supply voltage of 5V.
However, it should be noted that this specified internal clock period can vary with VDD, temperature
and process variations. The LXT oscillator is supplied by an external 32.768kHz crystal. The other
Watchdog Timer clock source option is the fSYS/4 clock. The Watchdog Timer clock source can
originate from its own internal LIRC oscillator, the LXT oscillator or fSYS/4. It is divided by a value
of 28 to 215, using the WS2~WS0 bits in the WDTC register to obtain the required Watchdog Timer
time-out period.
Watchdog Timer Control Register
A single register, WDTC, controls the required timeout period as well as the enable/disable
operation. This register together with several configuration options control the overall operation of
the Watchdog Timer.
●
WDTC Register
Bit
7
6
5
4
3
2
1
0
Name
FSYSON
WS2
WS1
WS0
WDTEN3 WDTEN2 WDTEN1 WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
1
1
1
0
1
0
Bit 7
FSYSON: fSYS Control in IDLE Mode
0: Disable
1: Enable
Bit 6 ~ 4
WS2, WS1, WS0: WDT time-out period selection
000: 256/fS
001: 512/fS
010: 1024/fS
011: 2048/fS
100: 4096/fS
101: 8192/fS
110: 16384/fS
111: 32768/fS
These three bits determine the division ratio of the Watchdog Timer source clock,
which in turn determines the timeout period.
Bit 3 ~ 0
WDTEN3, WDTEN2, WDTEN1, WDTEN0: WDT Software Control
1010: Disable
Other: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com