Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 79Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 80Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 81Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 82Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 83Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 84Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 85Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 86Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
82
March 06 , 2012
Rev. 1.50
83
March 06 , 2012
Register
Reset
(Power On)
RES or LVR
Reset
WDT Time-out
(Normal
Operation)
WDT Time-out
(IDLE)
ACERL
1111 1111
1111 1111
1111 1111
uuuu uuuu
ACERH
- -- - 1 1 1 1
- -- - 1 1 1 1
- -- - 1 1 1 1
---- uuuu
WDTC
0111 1010
0111 1010
0111 1010
uuuu uuuu
TBC
0011 0111
0011 0111
0011 0111
uuuu uuuu
EEA
0000 0000
0000 0000
0000 0000
uuuu uuuu
EED
0000 0000
0000 0000
0000 0000
uuuu uuuu
EEC
---- 0000
---- 0000
---- 0000
---- uuuu
SIMC0
1110 000-
1110 000-
1110 000-
uuuu uuu-
SIMC1
1000 0001
1000 0001
1000 0001
uuuu uuuu
SIMD
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMA/SIMC2
0000 0000
0000 0000
0000 0000
uuuu uuuu
SPIAC0
1 1 1- --0-
1 1 1- --0-
1 1 1- --0-
uuu- --u-
SPIAC1
--00 0000
--00 0000
--00 0000
--uu uuuu
SPIAD
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PBPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PCPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PDPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PEPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PFPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PGPU
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
CP0C
1000 0--1
1000 0--1
1000 0--1
uuuu u--u
CP1C
1000 0--1
1000 0--1
1000 0--1
uuuu u--u
TMPC0
1001 --01
1001 --01
1001 --01
uuuu --uu
TMPC1
--01 --01
--01 --01
--01 --01
--uu --uu
PRM0
0000 0000
0000 0000
0000 0000
uuuu uuuu
PRM1
0000 0000
0000 0000
0000 0000
uuuu uuuu
PRM2
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM0AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C2
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1BL
0000 0000
0000 0000
0000 0000
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com