Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 120Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 121Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 122Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 123Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 124Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 125Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 126Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 127Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 242 page
background image
Rev. 1.50
124
March 06 , 2012
Rev. 1.50
125
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Standard Type TM Operating Modes
The Standard Type TM can operate in one of five operating modes, Compare Match Output Mode,
PWM Output Mode, Single Pulse Output Mode, Capture Input Mode or Timer/Counter Mode. The
operating mode is selected using the TnM1 and TnM0 bits in the TMnC1 register.
Compare Output Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1 register, should be set to 00 respectively. In
this mode once the counter is enabled and running it can be cleared by three methods. These are a
counter overflow, a compare match from Comparator A and a compare match from Comparator P.
When the TnCCLR bit is low, there are two ways in which the counter can be cleared. One is when
a compare match from Comparator P, the other is when the CCRP bits are all zero which allows the
counter to overflow. Here both TnAF and TnPF interrupt request flags for Comparator A and
Comparator P respectively, will both be generated.
If the TnCCLR bit in the TMnC1 register is high then the counter will be cleared when a compare
match occurs from Comparator A. However, here only the TnAF interrupt request flag will be
generated even if the value of the CCRP bits is less than that of the CCRA registers. Therefore when
TnCCLR is high no TnPF interrupt request flag will be generated. In the Compare Match Output
Mode, the CCRA can not be set to "0".
As the name of the mode suggests, after a comparison is made, the TM output pin, will change state.
The TM output pin condition however only changes state when an TnAF interrupt request flag is
generated after a compare match occurs from Comparator A. The TnPF interrupt request flag,
generated from a compare match occurs from Comparator P, will have no effect on the TM output
pin. The way in which the TM output pin changes state are determined by the condition of the
TnIO1 and TnIO0 bits in the TMnC1 register. The TM output pin can be selected using the TnIO1
and TnIO0 bits to go high, to go low or to toggle from its present condition when a compare match
occurs from Comparator A. The initial condition of the TM output pin, which is setup after the
TnON bit changes from low to high, is setup using the TnOC bit. Note that if the TnIO1 and TnIO0
bits are zero then no pin change will take place.
10-bit STM, PWM Mode, Edge-aligned Mode, T0DPX=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
128
256
384
512
640
768
896
1024
Duty
CCRA
If fSYS = 16MHz, TM clock source select fSYS/4, CCRP = 100b and CCRA = 128,
The STM PWM output frequency = (fSYS/4) / 512 = fSYS/2048 = 7.8125kHz, duty = 128/512 = 25%
If the Duty value defined by the CCRA register is equal to or greater than the Period value, then the
PWM output duty is 100%.
10-bit STM, PWM Mode, Edge-aligned Mode, T0DPX=1
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
CCRA
Duty
128
256
384
512
640
768
896
1024
The PWM output period is determined by the CCRA register value together with the TM clock
while the PWM duty cycle is defined by the CCRP register value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com