Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 210 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 210 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 206Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 207Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 208Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 209Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 210Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 211Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 212Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 213Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 214Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 242 page
background image
Rev. 1.50
210
March 06 , 2012
Rev. 1.50
211
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
LCD Reset Function
The LCD has an internal reset function that is an OR function of the inverted LCDEN bit in the
LCDCTRL register and the Sleep function. The LCD reset signal is active high. The LCDENB
signal is the inverse of the LCDEN bit in the LCDCTRL register.
Reset LCD = (Sleep Mode AND LCDEN) OR LCDENB.
LCDEN
Sleep Mode
Reset LCD
0
Off
√
0
On
√
1
Off
x
1
On
√
LCD Reset Function
Clock Source
The LCD clock source is the internal clock signal, fSUB, divided by 8, using an internal divider
circuit. The fSUB internal clock is supplied by either the LIRC or LXT oscillator, the choice of which
is determined by a configuration option. For proper LCD operation, this arrangement is provided to
generate an ideal LCD clock source frequency of 4kHz.
fSUB Clock Source
LCD Clock Frequency
LIRC
4kHz
LXT
4kHz
LCD Clock Source
LCD Driver Output
The number of COM and SEG outputs supplied by the LCD driver, as well as its biasing and duty
selections, are dependent upon how the LCD control bits are programmed. The Bias Type, whether
C or R type is selected via a configuration option.
The nature of Liquid Crystal Displays require that only AC voltages can be applied to their pixels as
the application of DC voltages to LCD pixels may cause permanent damage. For this reason the
relative contrast of an LCD display is controlled by the actual RMS voltage applied to each pixel,
which is equal to the RMS value of the voltage on the COM pin minus the voltage applied to the
SEG pin. This differential RMS voltage must be greater than the LCD saturation voltage for the
pixel to be on and less than the threshold voltage for the pixel to be off.
The requirement to limit the DC voltage to zero and to control as many pixels as possible with a
minimum number of connections, requires that both a time and amplitude signal is generated and
applied to the application LCD. These time and amplitude varying signals are automatically
generated by the LCD driver circuits in the microcontroller. What is known as the duty determines
the number of common lines used, which are also known as backplanes or COMs. The duty, which
is chosen by a control bit to have a value of 1/2, 1/3, 1/4 etc and which equates to a COM number of
2, 3, 4 etc, therefore defines the number of time divisions within each LCD signal frame. Two types
of signal generation are also provided, known as Type A and Type B, the required type is selected
via the TYPE bit in the LCDCTRL register. Type B offers lower frequency signals, however lower
frequencies may introduce flickering and influence display clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com