Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 16 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 12Page - Texas Instruments TCM4300IPZ Datasheet HTML 13Page - Texas Instruments TCM4300IPZ Datasheet HTML 14Page - Texas Instruments TCM4300IPZ Datasheet HTML 15Page - Texas Instruments TCM4300IPZ Datasheet HTML 16Page - Texas Instruments TCM4300IPZ Datasheet HTML 17Page - Texas Instruments TCM4300IPZ Datasheet HTML 18Page - Texas Instruments TCM4300IPZ Datasheet HTML 19Page - Texas Instruments TCM4300IPZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
2–2
2.3
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, DVDD
3
5.5
V
High-level input voltage, VIH
Digital
0.7 DVDD
DVDD+0.3
V
Low-level input voltage, VIL
Digital
0
0.3 DVDD
V
High-level output voltage, VOH
Digital
0.7 DVDD
DVDD
V
Low-level output voltage, VOL
Digital
0
0.5
V
High-level output current at 3 V, IOH
Digital
2
mA
Low-level output current at 3 V, IOL
Digital
2
mA
High-level output current at 5 V, IOH
Digital
2
mA
Low-level output current at 5 V, IOL
Digital
2
mA
Load capacitance, transmit I and Q channel outputs
50
pF
VCM input voltage range, transmit I and Q channel outputs
1.3
AVDD–1.3
V
Load resistance, auxiliary DACs
10
k
Ω
Load capacitance, auxiliary DACs
50
pF
Operating free-air temperature, TA
– 40
85
°C
2.4
Electrical Characteristics Over Full Range Of Operating Conditions (Unless
Otherwise Noted)
2.4.1
Power Consumption
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Analog transmitting and receiving
DVDD = 3 V,
AVDD = 3 V
65
75
mW
Analog transmitting and receiving
DVDD = 5.5 V,
AVDD = 5.5 V
250
275
mW
Digital receiving
DVDD = 3 V,
AVDD = 3 V
55
60
mW
Digital receiving
DVDD = 5.5 V,
AVDD = 5.5 V
225
250
mW
Digital transmitting
DVDD = 3 V,
AVDD = 3 V
55
70
mW
Digital transmitting
DVDD = 5.5 V,
AVDD = 5.5 V
210
250
mW
MCLKOUT enabled
DVDD = 3 V,
AVDD = 3 V
33
40
Idle mode
MCLKOUT disabled
DVDD = 3 V,
AVDD = 3 V
14
17
mW
Idle mode
MCLKOUT enabled
DVDD = 5.5 V,
AVDD = 5.5 V
150
160
mW
MCLKOUT disabled
DVDD = 5.5 V,
AVDD = 5.5 V
80
90
Digital mode, 1/3 transmitting +1/3 receiving
DVDD = 3 V,
AVDD = 3 V
50
60
mW
gg
g
+ 1/3 standby
DVDD = 5.5 V,
AVDD = 5.5 V
205
220
mW
† All typical values are at TA = 25°C.
2.4.2
Reference Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH(VHR)
High-level output voltage
0.5 AVDD– 0.2
0.5 AVDD+0.2
V
r
Output resistance
FMVOX or IQRXEN
or TXEN = high
80
100
Ω
ro
Output resistance
FMVOX or IQRXEN
or TXEN = low
15
40
k
Ω
† All typical values are at DVDD = 5 V, AVDD = 5 V, and TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com