Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 17 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 17 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 13Page - Texas Instruments TCM4300IPZ Datasheet HTML 14Page - Texas Instruments TCM4300IPZ Datasheet HTML 15Page - Texas Instruments TCM4300IPZ Datasheet HTML 16Page - Texas Instruments TCM4300IPZ Datasheet HTML 17Page - Texas Instruments TCM4300IPZ Datasheet HTML 18Page - Texas Instruments TCM4300IPZ Datasheet HTML 19Page - Texas Instruments TCM4300IPZ Datasheet HTML 20Page - Texas Instruments TCM4300IPZ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
2–3
2.4.3
Terminal Impedance
FUNCTION
MIN
TYP†
MAX
UNIT
Receive channel input impedance (single ended), RXIP/N and RXQP/N
40
70
k
Ω
Transmit channel output impedance (single ended), TXIP/N and TXQP/N
40
50
100
Ω
FM input impedance, WBD
25
200
k
Ω
MCLKOUT impedance
MCLKOUT at 3.3 V
240
Ω
MCLKOUT impedance
MCLKOUT at 5 V
180
Ω
† All typical values are at DVDD = 5 V, AVDD = 5 V, and TA = 25°C, unless otherwise specified.
2.4.4
RXIP, RXIN, RXQP, and RXQN Inputs (AVDD = 3 V, 4.5 V, 5 V)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0.3
AVDD– 0.3
V
Input voltage for full-
Differential
0.5
Vpp
g
scale digital output
Single ended
0.5
Vp-p
Nominal operating
Differential
0.125
Vp p†
g
level
Single ended
0.125
Vp-p†
Input CMRR (RXI, RXQ)
45
dB
Sampling frequency, SINT (digital
mode)
48.6
kHz
Sampling frequency, SINT (analog
mode)
40
kHz
Receive error vector magnitude (EVM)
5%
6%
I/Q sample timing skew
Input signal 0 – 15 kHz
50
ns
A / D resolution
10
bits
Signal-to-noise plus distortion
Input at full scale – 1 dB
54
58
dB
Integral nonlinearity
0 dB to – 60 dB input
1
LSB
Gain error (I or Q channel)
±7%
Gain mismatch between I and Q
±0.3
dB
Differential dc offset voltage
±30
mV
FM input sensitivity, full scale
(
 14-kHz deviation)
2.5
Vp-p
FM input dc offset (relative to VHR)
±80
mV
FM input idle channel noise, below
full-scale input
– 50
dB
FM gain error
±6%
Power supply rejection
f = 0 kHz to 15 kHz
40
dB
† Provides 12-dB headroom for AGC fading conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com