Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 39 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 35Page - Texas Instruments TCM4300IPZ Datasheet HTML 36Page - Texas Instruments TCM4300IPZ Datasheet HTML 37Page - Texas Instruments TCM4300IPZ Datasheet HTML 38Page - Texas Instruments TCM4300IPZ Datasheet HTML 39Page - Texas Instruments TCM4300IPZ Datasheet HTML 40Page - Texas Instruments TCM4300IPZ Datasheet HTML 41Page - Texas Instruments TCM4300IPZ Datasheet HTML 42Page - Texas Instruments TCM4300IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
4–4
SQRC shaping filter with a roll-off rate of
α = 0.35 and converted to sampled analog form by two 9-bit DACs.
The output of the DAC is then filtered by a continuous-time resistance-capacitance (RC) filter.
The TCM4300 generates a power amplifier (PA) control signal, PAEN, to enable the power supply for the
PA. The start and stop times of the TDM burst are controlled by writing to a single bit, TXGO, in the DSP
DStatCtrl register.
In the analog mode (MODE = 0), the DSP writes 8-bit I and Q samples into the TXI and TXQ data registers
at a 40-ksps rate. These writes are timed by the SINT interrupt signal. The samples are fed to a low-pass
filter before D / A conversion. In the transmit analog mode, PAEN is always set to 1.
The transmit section provides differential I and Q outputs (see Table 4-5) for both analog and digital modes.
The differential dc offset for the TXI and TXQ outputs can be independently adjusted using the transmit offset
registers.
Table 4–5. Transmit (TX) I and Q Channel Outputs
PARAMETER
MIN
TYP
MAX
UNIT
Peak output voltage full scale centered at VCM
Differential
2.24
Vp
Peak output voltage full scale, centered at VCM
Single ended
1.12
Vp
Nominal output level (constellation radius) centered at VCM
Differential
1.5
V
Nominal output-level (constellation radius) centered at VCM
Single ended
0.75
V
Low-level drift
±200
PPM/
°C
Transmit error vector magnitude (EVM)
3%
4%
Transmit DACs I and Q resolution
8
bits
S/(N+D) ratio at differential outputs
48
52
dB
Gain error (I or Q channel)
±8% ±12%
Gain mismatch between I and Q
±0.3
dB
Gain sampling mismatch between I and Q
20
ns
Zero code error, I to Q, with respect to other channel (differential or single
ended). (See Figure 4–1).
±1.1
LSB
Residual offset error, I or Q, with respect to VCM. (See Note 5 and
Figure 4–1).
10
k
Ω
Load impedance, between P and N terminals
10
k
Ω
Transmit offset DACs I and Q resolution
6
bits
Transmit offset DACs I and Q average step size
5.0
mV
Transmit offset DACs differential nonlinearity
±1.1
LSB
Transmit offset DACs integral nonlinearity
±1.1
LSB
NOTES:
5. The residual (uncorrectable) offset error is the residual offset error I or Q, with respect to VCM, which cannot
be eliminated using the transmit offset DACs. The proper correction algorithm must be implemented to
minimize the I and Q offset.
MAX Residual
Offset Error TXI
0.55 LSB
MAX Residual
Offset Error TXQ
0.55 LSB
1.1 LSB
MAX Zero Code
Error, I to Q
TXI
TXQ
VCM
Figure 4–1. Residual (Uncorrectable) Offset Error and Zero Code Error, I to Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com