Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 3 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 3 Page - Texas Instruments

  TCM4300IPZ Datasheet HTML 1Page - Texas Instruments TCM4300IPZ Datasheet HTML 2Page - Texas Instruments TCM4300IPZ Datasheet HTML 3Page - Texas Instruments TCM4300IPZ Datasheet HTML 4Page - Texas Instruments TCM4300IPZ Datasheet HTML 5Page - Texas Instruments TCM4300IPZ Datasheet HTML 6Page - Texas Instruments TCM4300IPZ Datasheet HTML 7Page - Texas Instruments TCM4300IPZ Datasheet HTML 8Page - Texas Instruments TCM4300IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
iii
Contents
Section
Title
Page
1
Introduction
1–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.1
Features
1–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2
TCM4300 Functional Block Diagram
1–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.3
Pin Assignments
1–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.4
Terminal Functions
1–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2
Electrical Specifications
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
2–1
. . . .
2.2
Dissipation Rating Table
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.3
Recommended Operating Conditions
2–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.4
Electrical Characteristics Over Full Range Of Operating Conditions
2–2
. . . . . . . . . . .
2.4.1
Power Consumption
2–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.4.2
Reference Characteristics
2–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.4.3
Terminal Impedance
2–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.4.4
RXIP, RXIN, RXQP, and RXQN Inputs (AVDD = 3 V, 4.5 V, 5 V)
2–3
. . . . . . .
2.4.5
Transmit I and Q Channel Outputs
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.4.6
Auxiliary D/A Converters
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.4.7
Auxiliary D /A Converters Slope (AGC, AFC, PWRCONT)
2–5
. . . . . . . . . . . .
2.4.8
Auxiliary D /A Converters Slope (LCDCONTR)
2–5
. . . . . . . . . . . . . . . . . . . . . .
2.4.9
RSSI/Battery A/D Converter
2–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.5
Operating Characteristics Over Full Range of Operating Conditions
2–6
. . . . . . . . . .
2.5.1
Receive (RX) Channel Frequency Response
(RXI, RXQ Input in Digital Mode)
2–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.5.2
Receive (RX) Channel Frequency Response
(FM Input in Analog Mode)
2–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.5.3
Transmit (TX) Channel Frequency Response (Digital Mode)
2–6
. . . . . . . . . .
2.5.4
Transmit (TX) Channel Frequency Response (Analog Mode)
2–7
. . . . . . . . .
3
Parameter Measurement Information
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.1
MCLKOUT Timing Requirements
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2
TCM4300 to Microcontroller Interface Timing Requirements
(Mitsubishi Read Cycle)
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3
TCM4300 to Microcontroller Interface Timing Requirements
(Mitsubishi Write Cycle)
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4
TCM4300 to Microcontroller Interface Timing Requirements
(Intel Read Cycle)
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5
TCM4300 to Microcontroller Interface Timing Requirements
(Intel Write Cycle))
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.6
TCM4300 to Microcontroller Interface Timing Requirements
(Motorola 16-Bit Read Cycle)
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.7
TCM4300 to Microcontroller Interface Timing Requirements
(Motorola 16-Bit Write Cycle)
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.8
TCM4300 to Microcontroller Interface Timing Requirements
(Motorola 8-Bit Read Cycle)
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com