Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 13 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 9Page - Texas Instruments TCM4300IPZ Datasheet HTML 10Page - Texas Instruments TCM4300IPZ Datasheet HTML 11Page - Texas Instruments TCM4300IPZ Datasheet HTML 12Page - Texas Instruments TCM4300IPZ Datasheet HTML 13Page - Texas Instruments TCM4300IPZ Datasheet HTML 14Page - Texas Instruments TCM4300IPZ Datasheet HTML 15Page - Texas Instruments TCM4300IPZ Datasheet HTML 16Page - Texas Instruments TCM4300IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
1–7
1.4
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SCEN
94
O
Speech CODEC enable. A high out from SCEN can enable the speech CODEC.
SINT
79
O
Sample interrupt. SINT is active low. In the analog mode, SINT occurs at 40 kHz; in the
digital mode, SINT occurs at 48.6 kHz.
SYNCLK
32
O
Synthesizer clock. SYNCLK clocks the serial data stream.
SYNDTA
31
O
Synthesizer serial-data. SYNDTA provides the serial bit stream output.
SYNLE0
28
O
Synthesizer 0, 1, and 2 latch enables. An active high on SYNLE0, SYNLE1, and
SYNLE1
29
O
SYNLE2 indicates that the latch is enabled.
SYNLE2
30
O
SYNOL
27
I
Synthesizer out-of-lock. An active high at SYNOL indicates a synthesizer is not locked.
TXEN
23
O
Transmit power enable. An active high output from TXEN can be used to enable various
system transmitter-circuit devices.
TXIN
18
O
In-phase differential negative baseband transmit. The negative component of the
differential baseband transmit signal is output from TXIN.
TXIP
17
O
In-phase differential positive baseband transmit. The positive component of the
differential baseband transmit signal is output from TXIP.
TXONIND
24
I
Transmit on indicator. A signal is applied to TXONIND to indicate that power is applied
to the power amplifier.
TXQN
21
O
Quadrature differential negative baseband transmit. The negative component of the
quadrature differential transmit signal is output from TXQN.
TXQP
20
O
Quadrature differential positive baseband transmit. The positive component of the
quadrature differential transmit signal is output from TXQP.
VCM
15
I
Voltage common mode. VCM establishes the dc operating point for transmit outputs and
can be tied to VHR.
VHR
14
O
Voltage half-rail. The voltage level at VHR is approximately 0.5
× AVDD. VHR
establishes the dc operating point for receive inputs.
VSS
13, 97
—
Substrate ground
XTAL
66
I
Crystal input. A crystal connected between XTAL and MCLIN forms an oscillator circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com