Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 49 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 45Page - Texas Instruments TCM4300IPZ Datasheet HTML 46Page - Texas Instruments TCM4300IPZ Datasheet HTML 47Page - Texas Instruments TCM4300IPZ Datasheet HTML 48Page - Texas Instruments TCM4300IPZ Datasheet HTML 49Page - Texas Instruments TCM4300IPZ Datasheet HTML 50Page - Texas Instruments TCM4300IPZ Datasheet HTML 51Page - Texas Instruments TCM4300IPZ Datasheet HTML 52Page - Texas Instruments TCM4300IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
4–14
÷ 17, 18, 19, 20
Adjust
Counter B
= 0
÷ 256
Bits 0 – 5
RCO
Adjust
Counter A
÷ 3, 4, 5
Phase-Adjusted
9.72-MHz Clock
÷ 243/
÷ 200
Clock
Divider
Chain
Analog/Digital
Mode (MODE bit)
Frequency Synth. Clock 303.75 kHz
WBD Demod. 6.48 MHz
ADC Clocks
DAC Clocks
÷ N
5
10
N = (2, 3, . . . 32)
Sync.
Enable
Logic
MCLKEN
From
Micro-
controller
38.88 MHz
MCLKIN
From DSP
Microcontroller Clock MCCLK
External Clock Output MCLKOUT
Analog/Digital
40.0/48.6-kHz A/ D Sample Clock (SINT)
8-kHz Codec Sample Clock CSCLK
2.048-MHz Codec Master Clock CMCLK
Figure 4–6. Timing and Clock Generation for 38.88-MHz Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com